Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26LPQR Datasheet(PDF) 2 Page - STMicroelectronics

Part # LNBH26LPQR
Description  Selectable output current limit by external resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26LPQR Datasheet(HTML) 2 Page - STMicroelectronics

  LNBH26LPQR Datasheet HTML 1Page - STMicroelectronics LNBH26LPQR Datasheet HTML 2Page - STMicroelectronics LNBH26LPQR Datasheet HTML 3Page - STMicroelectronics LNBH26LPQR Datasheet HTML 4Page - STMicroelectronics LNBH26LPQR Datasheet HTML 5Page - STMicroelectronics LNBH26LPQR Datasheet HTML 6Page - STMicroelectronics LNBH26LPQR Datasheet HTML 7Page - STMicroelectronics LNBH26LPQR Datasheet HTML 8Page - STMicroelectronics LNBH26LPQR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Contents
LNBH26L
2/28
Doc ID 022876 Rev 1
Contents
1
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Application information (valid for each section A/B) . . . . . . . . . . . . . . . 4
2.1
DISEQC data encoding (DSQIN pin) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.2
Data encoding by external 22 kHz tone TTL signal . . . . . . . . . . . . . . . . . . 4
2.3
Data encoding by external DiSEqC envelope control
through the DSQIN pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.4
Output current limit selection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.5
Output voltage selection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2.6
Diagnostic and protection functions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2.7
Surge protection and TVS diodes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2.8
Power-on I²C interface reset and undervoltage lockout . . . . . . . . . . . . . . . 7
2.9
PNG: input voltage minimum detection . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.10
OLF: overcurrent and short-circuit protection and diagnostic . . . . . . . . . . . 7
2.11
OTF: thermal protection and diagnostic . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
3
Pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
4
Maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
5
Typical application circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
6
I²C bus interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
6.1
Data validity . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
6.2
START and STOP condition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
6.3
Byte format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
6.4
Acknowledge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
6.5
Transmission without acknowledge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
7
I²C interface protocol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
7.1
Write mode transmission . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
7.2
Read mode transmission . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
7.3
Data registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com