Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP11L Datasheet(PDF) 5 Page - STMicroelectronics

Part # LNBP11L
Description  500 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP11L Datasheet(HTML) 5 Page - STMicroelectronics

  LNBP11L Datasheet HTML 1Page - STMicroelectronics LNBP11L Datasheet HTML 2Page - STMicroelectronics LNBP11L Datasheet HTML 3Page - STMicroelectronics LNBP11L Datasheet HTML 4Page - STMicroelectronics LNBP11L Datasheet HTML 5Page - STMicroelectronics LNBP11L Datasheet HTML 6Page - STMicroelectronics LNBP11L Datasheet HTML 7Page - STMicroelectronics LNBP11L Datasheet HTML 8Page - STMicroelectronics LNBP11L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LNBP8L - LNBP9L - LNBP10L - LNBP11L
Maximum ratings
5/21
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
These are stress ratings only and functional operation of the device at these conditions is
not implied. Exposure to absolute-maximum-rated conditions for extended periods may
affect device reliability. All voltage values are with respect to network ground terminal unless
otherwise stated.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC1, VCC2
Input voltages
-0.3 to 28
V
VCC1-OUTPUT
VCC1 voltage with respect to OUTPUT voltage (1)
1.
Exposure beyond the VCC1 and VCC2 with respect to OUTPUT absolute-maximum-rated voltages during OUTPUT pin
overload or short-circuit to GROUND may cause permanent damage to the device.
-0.3 to 25
V
VCC2-OUTPUT
VCC2 voltage with respect to OUTPUT voltage (1)
-0.3 to 25
V
EN/VSEL, TEN,
LLC
Logic input voltage
-0.3 to 7
V
EXTM
External modulation input voltage
-0.3 to 1
V
OUTPUT
Output voltage
-0.3 to 25
V
TSTG
Storage temperature range
-50 to 150
°C
ESD
DFN package
ESD rating with human body model (HBM) for all pins except 1, 2, 6
2
kV
ESD rating with human body model (HBM) for pins 1, 2, 6
1.5
ESD
IPPAK package
ESD rating with human body model (HBM) for all pins except 1, 4
2
kV
ESD rating with human body model (HBM) for pins 1, 4
1.5
Table 3.
Operating ratings
Symbol
Parameter
Value
Unit
TJ
Operating junction temperature range
0 to 125
°C
VCC1
Input voltage
15 to 25
V
VCC2
Input voltage
22 to 25
V
Table 4.
Thermal data
Symbol
Parameter
IPPAK
DFN8
Unit
RthJA
Thermal resistance junction-ambient
35
(mounted on PCB 2s2p)
°C/W
RthJC
Thermal resistance junction-case
8
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com