Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6686TR Datasheet(PDF) 40 Page - STMicroelectronics

Part # PM6686TR
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686TR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button PM6686TR Datasheet HTML 36Page - STMicroelectronics PM6686TR Datasheet HTML 37Page - STMicroelectronics PM6686TR Datasheet HTML 38Page - STMicroelectronics PM6686TR Datasheet HTML 39Page - STMicroelectronics PM6686TR Datasheet HTML 40Page - STMicroelectronics PM6686TR Datasheet HTML 41Page - STMicroelectronics PM6686TR Datasheet HTML 42Page - STMicroelectronics PM6686TR Datasheet HTML 43Page - STMicroelectronics PM6686TR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
Application information
PM6686
40/50
Doc ID 15281 Rev 4
Finally the output capacitor choice deeply impacts on the load transient response. Below
there is a list of some capacitor manufacturers.
Output capacitor manufacturer
10.1.4
MOSFET
Logic-level MOSFETs are recommended, since low-side and high-side gate drivers are
powered by PVCC. Their breakdown voltage (VBRDSS) must be higher than the maximum
input voltage.
In notebook applications, power management efficiency is a high level requirement. The
power dissipation on the power switches becomes an important factor in switching
selections. Losses of high-side and low-side MOSFETs depend on their working conditions.
The power dissipation of the high-side MOSFET is given by:
Equation 14
Maximum conduction losses are approximately:
Equation 15
Where RDS(on) is the drain-source on resistance of the high-side MOSFET.
Switching losses are approximately:
Equation 16
Where ton and toff are the switching times of the turn off and turn off phases of the
MOSFETs.
As general rule, high-side MOSFETs with low gate charge are recommended, in order to
minimize driver losses.
Below there is a list of possible choices for the high-side MOSFETs.
Table 16.
Input capacitor manufacturer
Manufacturer
Series
Capacitor value (µF)
Rated voltage (V)
E
SR max (mΩ)
SANYO
POSCAP TPB
150 to 330
2.5 to 6.3
35 to 65
SANYO
POSCAP TPF
150 to 470
2.5 to 6.3
7 to 15
switching
conduction
DHighSide
P
P
P
+
=
2
LOAD
min
IN
OUT
DSon
conduction
(max)
I
V
V
R
P
×
×
=
2
f
t
)
2
I
(max)
I
(
V
2
f
t
)
2
I
(max)
I
(
V
P
sw
off
L
LOAD
IN
sw
on
L
LOAD
IN
switching
×
×
Δ
+
×
+
×
×
Δ
−
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com