Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6766 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PM6766
Description  Current sense across DCR with calibration
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6766 Datasheet(HTML) 1 Page - STMicroelectronics

  PM6766 Datasheet HTML 1Page - STMicroelectronics PM6766 Datasheet HTML 2Page - STMicroelectronics PM6766 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For further information contact your local STMicroelectronics sales office.
March 2014
DocID026061 Rev 1
1/3
PM6764, PM6766
VR12.5™ digital multiphase controller with PMBus™
Data brief
Features
 PM6764: 4-phase compact digital controller
 PM6766: 6-phase compact digital controller
 VR12.5™ compliant with 25 MHz SVID bus
rev. 1.2, serial-VID with programmable IMAX,
TMAX, VBOOT, ADDRESS
 High-performance digital control loop (digital
STVCOT™)
 Fully configurable through PMBus™
 Flexible driver/DrMOS support
 Single NTC design for TM, LL and IMON
thermal compensation
 DPM - dynamic phase management
 Remote sense; 0.5% Vout accuracy with
calibration
 Current sense across DCR with calibration
 Autocalibration capability for current and
voltage sense
 Programmable voltage positioning
 OV, UV and FB disconnection protection
 Embedded non-volatile memory (NVM)
 Black box recorder
 PM6764: VFQFPN28 4 x 4 mm package
 PM6766: VFQFPN40 5 x 5 mm package
Applications
 High current power regulation for VR12.5
based Intel® based microprocessors
 DDR memory power regulation for VR12.5
based Intel based systems
Description
The PM6764/66 is a high performance digital
controller designed to power Intel’s VR12.5
processors (PM6766) and memories (PM6764):
all required parameters are programmable
through a PMBus™ interface.
The device utilizes digital technology to
implement all control and power management
functions to provide maximum flexibility and
performance. The NVM is embedded to store
custom configurations.
The PM6764/66 device features up to 4/6-phase
programmable operation. The PM6764/66
supports power state transitions featuring VFDE,
and programmable DPM maintaining the best
efficiency over all loading conditions without
compromising transient response. The device
assures fast and independent protection against
load overcurrent, under/overvoltage and feedback
disconnections. The device is available in
VFQFPN28 4 x 4 mm (PM6764) and VFQFPN40
5 x 5 mm (PM6766) packages.
VFQFPN28 4 x 4 mm
VFQFPN40 5 x 5 mm
Table 1. Device summary
Order code
Package
Packing
PM6764
VFQFPN28 4 x 4 mm
Tray
PM6764TR
Tape and reel
PM6766
VFQFPN40 5 x 5 mm
Tray
PM6766TR
Tape and reel
www.st.com


Similar Part No. - PM6766

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
PM67 SENSATA-PM67 Datasheet
701Kb / 11P
PANEL MOUNT SOLID STATE RELAYS
logo
Artesyn Technologies
PM671 ARTESYN-PM671 Datasheet
69Kb / 2P
Single and dual output 0.5 to 1 Watt Nominal input DC/DC converters
PM672 ARTESYN-PM672 Datasheet
69Kb / 2P
Single and dual output 0.5 to 1 Watt Nominal input DC/DC converters
More results

Similar Description - PM6766

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF3206-EE5CS XFMRS-XF3206-EE5CS Datasheet
37Kb / 1P
Current Sense
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
CURRENT SENSE - Molded Current Sense Resistors
logo
XFMRS Inc.
XF0033-EE5CS XFMRS-XF0033-EE5CS Datasheet
43Kb / 1P
Current Sense
XF0153-CS6 XFMRS-XF0153-CS6 Datasheet
52Kb / 1P
Current Sense
XF1806-EE5CS XFMRS-XF1806-EE5CS Datasheet
37Kb / 1P
Current Sense
XF0033-EE5CS XFMRS-XF0033-EE5CS_15 Datasheet
43Kb / 1P
CURRENT SENSE
XF3206-EE5CS XFMRS-XF3206-EE5CS_15 Datasheet
37Kb / 1P
CURRENT SENSE
XF7206-EE5CS XFMRS-XF7206-EE5CS_15 Datasheet
40Kb / 1P
CURRENT SENSE
XF9806-EE5CS XFMRS-XF9806-EE5CS_15 Datasheet
40Kb / 1P
CURRENT SENSE
logo
Maxim Integrated Produc...
MAX40016 MAXIM-MAX40016 Datasheet
940Kb / 22P
4-Decade Current Sense Amplifier with Integrated Current Sense Element
2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com