Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL60X Datasheet(PDF) 73 Page - STMicroelectronics

Part # SPC56EL60X
Description  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60X Datasheet(HTML) 73 Page - STMicroelectronics

Back Button SPC56EL60X Datasheet HTML 69Page - STMicroelectronics SPC56EL60X Datasheet HTML 70Page - STMicroelectronics SPC56EL60X Datasheet HTML 71Page - STMicroelectronics SPC56EL60X Datasheet HTML 72Page - STMicroelectronics SPC56EL60X Datasheet HTML 73Page - STMicroelectronics SPC56EL60X Datasheet HTML 74Page - STMicroelectronics SPC56EL60X Datasheet HTML 75Page - STMicroelectronics SPC56EL60X Datasheet HTML 76Page - STMicroelectronics SPC56EL60X Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 165 page
background image
DocID15457 Rev 12
73/165
SPC56ELx, SPC564Lx
Package pinouts and signal descriptions
164
2.3
System pins
VSS 1V2
VSS_LV_COR
Decoupling pins for core logic. Decoupling capacitor must be
connected between these pins and the nearest VDD_LV_COR pin.
93
132
VSS_LV(2)
VDD 1V2
VDD_LV_COR /
Decoupling pins for core logic. Decoupling capacitor must be
connected between these pins and the nearest VDD_LV_COR pin.
—135
VDD_LV(1)
VSS 1V2
VSS_LV_COR /
Decoupling pins for core logic. Decoupling capacitor must be
connected between these pins and the nearest VDD_LV_COR pin.
—
137
VSS_LV(2)
1. VDD_LV balls are tied together on the LFBGA257 substrate.
2. VSS_LV balls are tied together on the LFBGA257 substrate.
3. VDD_HV balls are tied together on the LFBGA257 substrate.
4. VSS_HV balls are tied together on the LFBGA257 substrate.
Table 6. Supply pins (continued)
Supply
Pin #
Symbol
Description
100
pkg
144
pkg
257
pkg
Table 7. System pins
Symbol
Description
Direction
Pin #
100
pkg
144
pkg
257
pkg
Dedicated pins
MDO0(1)
Nexus Message Data Output — line
Output only
—
9
E1
NMI(2)
Non Maskable Interrupt
Input only
1
1
E4
XTAL
Input for oscillator amplifier circuit and internal clock generator
Input only
18
29
N1
EXTAL(3)
Oscillator amplifier output
Input/Output
(4)
19
30
R1
TMS(2)
JTAG state machine control
Input only
59
87
M16
TCK(2)
JTAG clock
Input only
60
88
L15
JCOMP(5)
JTAG compliance select
Input only
84
123
C10
Reset pin
RESET
Bidirectional reset with Schmitt-Trigger characteristics and
noise filter. This pin has medium drive strength. Output drive is
open drain and must be terminated by an external resistor of
value 1KOhm.(6)
Bidirectional
20
31
P2
Test pin
VPP TEST
Pin for testing purpose only. To be tied to ground in normal
operating mode.
74
107
D15
1. This pad is configured for Fast (F) pad speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com