Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL60X Datasheet(PDF) 158 Page - STMicroelectronics

Part # SPC56EL60X
Description  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60X Datasheet(HTML) 158 Page - STMicroelectronics

Back Button SPC56EL60X Datasheet HTML 154Page - STMicroelectronics SPC56EL60X Datasheet HTML 155Page - STMicroelectronics SPC56EL60X Datasheet HTML 156Page - STMicroelectronics SPC56EL60X Datasheet HTML 157Page - STMicroelectronics SPC56EL60X Datasheet HTML 158Page - STMicroelectronics SPC56EL60X Datasheet HTML 159Page - STMicroelectronics SPC56EL60X Datasheet HTML 160Page - STMicroelectronics SPC56EL60X Datasheet HTML 161Page - STMicroelectronics SPC56EL60X Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 165 page
background image
Revision history
SPC56ELx, SPC564Lx
158/165
DocID15457 Rev 12
23-Mar-2011
6
(continued)
In the “Supply current characteristics (cut2)“ table:
– Changed “IDD_LV_MAX” to “IDD_LV_MAX“;
– Removed all “40-120 MHz” frequency ranges from the “Conditions” column;
– Updated the “Max” values column;
– Added parameter “IDD_LV_TYP + IDD_LV_PLL“ with “P” classification and
special footnote;
– Changed all “25
C“ temperature conditions to “ambient”;
– Added “TJ = 150 C“ condition to parameters IDD_HV_ADC, IDD_HV_AREF.,
IDD_HV_OSC, and IDD_HV_FLASH.
Changed the timing diagram in the “Main oscillator electrical characteristics”
section to reference MTRANS assertion instead of VDDMIN.
Updated the jitter specs in the “FMPLL electrical characteristics“ table.
In the “ADC conversion characteristics“ table, changed all parameters with
units of “counts” to units of “LSB” and updated Min/Max values.
Changed IDD_LV_BIST + IDD_LV_PLL operating current (for both cases) to TBD.
In the “Supply current characteristics (cut2)” section, added a footnote that
IDD_HV_ADC and IDD_HV_AREF represent the total current of both ADCs in the
“Current consumption characteristics” table.
In the “ADC conversion characteristics” table:
– Changed DNL min from -2 to -1.
– Changed OFS min from -2 to -6.
– Changed OFS max from 2 to 6.
– Changed GNE min from -2 to -6.
– Changed GNE max from 2 to 6.
– Changed SNR min from 69 to 67.
– Changed TUE min (without current injection) from -6 to -8.
– Changed TUE max (without current injection) from 6 to 8.
– Changed TUE min (with current injection) from -8 to -10.
Changed TUE max (with current injection) from 8 to 10.
Table 45. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com