Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL70L5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPC56EL70L5
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL70L5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPC56EL70L5 Datasheet HTML 3Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 4Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 5Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 6Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 7Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 8Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 9Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 10Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 128 page
background image
DocID023953 Rev 5
7/128
SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5
Introduction
127
1
Introduction
1.1
Document overview
This document describes the features of the family and options available within the family
members, and highlights important electrical and physical characteristics of the devices.
This document provides electrical specifications, pin assignments, and package diagrams
for the SPC56EL70x/SPC564L70x series of microcontroller units (MCUs). For functional
characteristics, see the SPC56XL70 Microcontroller Reference Manual. For use of the
SPC56XL70 in a fail-safe system according to safety standard ISO26262, see the Safety
Application Guide for SPCEL70.
1.2
Description
The SPC56EL70x/SPC564L70x series microcontrollers are system-on-chip devices that are
built on Power Architecture technology and contain enhancements that improve the
architecture’s fit in embedded applications, include additional instruction support for digital
signal processing (DSP) and integrate technologies such as an enhanced time processor
unit, enhanced queued analog-to-digital converter, Controller Area Network, and an
enhanced modular input-output system.
The SPC56EL70x/SPC564L70x family of 32-bit microcontrollers is the latest achievement in
integrated automotive application controllers. It belongs to an expanding range of
automotive-focused products designed to address electrical hydraulic power steering
(EHPS), electric power steering (EPS) and airbag applications. The advanced and cost-
efficient host processor core of the SPC56XL70 automotive controller family complies with
the Power Architecture embedded category. It operates at speeds as high as 120 MHz and
offers high-performance processing optimized for low power consumption. It capitalizes on
the available development infrastructure of current Power Architecture devices and is
supported with software drivers, operating systems and configuration code to assist with
users’ implementations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com