Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B40X Datasheet(PDF) 108 Page - STMicroelectronics

Part # SPC560B40X
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B40X Datasheet(HTML) 108 Page - STMicroelectronics

Back Button SPC560B40X Datasheet HTML 104Page - STMicroelectronics SPC560B40X Datasheet HTML 105Page - STMicroelectronics SPC560B40X Datasheet HTML 106Page - STMicroelectronics SPC560B40X Datasheet HTML 107Page - STMicroelectronics SPC560B40X Datasheet HTML 108Page - STMicroelectronics SPC560B40X Datasheet HTML 109Page - STMicroelectronics SPC560B40X Datasheet HTML 110Page - STMicroelectronics SPC560B40X Datasheet HTML 111Page - STMicroelectronics SPC560B40X Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 116 page
background image
Revision history
SPC560B40x/50x, SPC560C40x/50x
108/116
DocID14619 Rev 13
Revision history
Table 55. Document revision history
Date
Revision
Changes
04-Apr-2008
1
Initial release.
06-Mar-2009
2
Made minor editing and formatting changes to improve readability
Harmonized oscillator naming throughout document
Modified document title
Updated “Feature” on cover page
Replaced LFBGA208 with LBGA208
Updated “Description” Section
Updated “SPC560B40x/50x and SPC560C40x/50x device comparison” table
Added “Block diagram” section
Section 3 “Package pinouts and signal descriptions”:
– Removed signal descriptions (these are found in the device reference manual)
Updated “LQFP 144-pin configuration (top view)” figure:
– Replaced VPP with VSS_HV on pin 18
– Added MA[1] as AF3 for PC[10] (pin 28)
– Added MA[0] as AF2 for PC[3] (pin 116)
– Changed description for pin 120 to PH[10] / GPIO[122] / TMS
– Changed description for pin 127 to PH[9] / GPIO[121] / TCK
– Replaced NMI[0] with NMI on pin 11
Updated “LQFP 100-pin configuration (top view)” figure:
– Replaced VPP with VSS_HV on pin 14
– Added MA[1] as AF3 for PC[10] (pin 22)
– Added MA[0] as AF2 for PC[3] (pin 77)
– Changed description for pin 81 to PH[10] / GPIO[122] / TMS
– Changed description for pin 88 to PH[9] / GPIO[121] / TCK
– Removed E1UC[19] from pin 76
– Replaced [11] with WKUP[11] for PB[3] (pin 1)
– Replaced NMI[0] with NMI on pin 7
Updated “LBGA208 configuration” figure:
– Changed description for ball B8 from TCK to PH[9]
– Changed description for ball B9 from TMS to PH[10]
– Updated descriptions for balls R9 and T9
Added “Parameter classification” section and tagged parameters in tables where
appropriate
Added “NVUSRO register” section
Updated “Absolute maximum ratings” table
“Recommended operating conditions” section :
– Added note on RAM data retention to end of section
Updated “Recommended operating conditions (3.3 V)” and “Recommended operating
conditions (5.0 V)”
Added “Package thermal characteristics” section
Updated “Power considerations” section
Updated I/O input DC electrical characteristics definition” figure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com