Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B40X Datasheet(PDF) 110 Page - STMicroelectronics

Part # SPC560B40X
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B40X Datasheet(HTML) 110 Page - STMicroelectronics

Back Button SPC560B40X Datasheet HTML 106Page - STMicroelectronics SPC560B40X Datasheet HTML 107Page - STMicroelectronics SPC560B40X Datasheet HTML 108Page - STMicroelectronics SPC560B40X Datasheet HTML 109Page - STMicroelectronics SPC560B40X Datasheet HTML 110Page - STMicroelectronics SPC560B40X Datasheet HTML 111Page - STMicroelectronics SPC560B40X Datasheet HTML 112Page - STMicroelectronics SPC560B40X Datasheet HTML 113Page - STMicroelectronics SPC560B40X Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 116 page
background image
Revision history
SPC560B40x/50x, SPC560C40x/50x
110/116
DocID14619 Rev 13
06-Aug-2009
4
Updated “
LBGA208 configuration” figure
“
Absolute maximum ratings” table:
–VDD_ADC, VIN: changed min value for “relative to VDD” condition
–ICORELV: added new row
“Recommended operating conditions (5.0 V)” table:
–TA C-Grade Part, TJ C-Grade Part, TA V-Grade Part, TJ V-Grade Part, TA M-Grade Part,
TJ M-Grade Part: added new rows
– Changed capacitance value in footnote
“Output pin transition times” table:
– MEDIUM configuration: added condition for PAD3V5V = 0
Updated “Voltage regulator capacitance connection”
“Voltage regulator electrical characteristics” table:
–CDEC1: changed min value
–IMREG: changed max value
–IDD_BV: added max value footnote
“Low voltage monitor electrical characteristics” table:
–VLVDHV3H, VLVDHV5H: changed max value
–VLVDHV3L, VLVDHV5L: added max value
Updated “Low voltage power domain electrical characteristics” table
“Flash module life” table:
– Retention: deleted min value footnote for “Blocks with 100000 P/E cycles“
“Fast external crystal oscillator (4 to 16 MHz) electrical characteristics” table:
–IFXOSC: added typ value
“Slow external crystal oscillator (32 kHz) electrical characteristics” table
–VSXOSC: changed typ value
–TSXOSCSU: added max value footnote
“FMPLL electrical characteristics” table
–
t
LTJIT: added max value
Updated “LQFP100 package mechanical drawing”
Table 55. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com