Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP144 Datasheet(PDF) 41 Page - STMicroelectronics

Part # LQFP144
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP144 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LQFP144 Datasheet HTML 37Page - STMicroelectronics LQFP144 Datasheet HTML 38Page - STMicroelectronics LQFP144 Datasheet HTML 39Page - STMicroelectronics LQFP144 Datasheet HTML 40Page - STMicroelectronics LQFP144 Datasheet HTML 41Page - STMicroelectronics LQFP144 Datasheet HTML 42Page - STMicroelectronics LQFP144 Datasheet HTML 43Page - STMicroelectronics LQFP144 Datasheet HTML 44Page - STMicroelectronics LQFP144 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 116 page
background image
DocID14619 Rev 13
41/116
SPC560B40x/50x, SPC560C40x/50x
Package pinouts and signal descriptions
115
3.11.2
NVUSRO[OSCILLATOR_MARGIN] field description
The fast external crystal oscillator consumption is dependent on the
OSCILLATOR_MARGIN bit value. Table 10 shows how NVUSRO[OSCILLATOR_MARGIN]
controls the device configuration.
3.11.3
NVUSRO[WATCHDOG_EN] field description
The watchdog enable/disable configuration after reset is dependent on the
WATCHDOG_EN bit value. Table 11 shows how NVUSRO[WATCHDOG_EN] controls the
device configuration.
3.12
Absolute maximum ratings
Table 10. OSCILLATOR_MARGIN field description
Value(1)
1.
Default manufacturing value is ‘1’. Value can be programmed by customer in Shadow Flash.
Description
0
Low consumption configuration (4 MHz/8 MHz)
1
High margin configuration (4 MHz/16 MHz)
Table 11. WATCHDOG_EN field description
Value(1)
1.
Default manufacturing value is ‘1’. Value can be programmed by customer in Shadow Flash.
Description
0
Disable after reset
1
Enable after reset
Table 12. Absolute maximum ratings
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS
SR Digital ground on VSS_HV pins
—
0
0
V
VDD
SR
Voltage on VDD_HV pins with respect
to ground (VSS)
—
0.3
6.0
V
VSS_LV
SR
Voltage on VSS_LV (low voltage digital
supply) pins with respect to ground
(VSS)
—VSS0.1
VSS+0.1
V
VDD_BV SR
Voltage on VDD_BV pin (regulator
supply) with respect to ground (VSS)
—
0.3
6.0
V
Relative to VDD
0.3
VDD+0.3
VSS_ADC SR
Voltage on VSS_HV_ADC (ADC
reference) pin with respect to ground
(VSS)
—VSS0.1
VSS+0.1
V
VDD_ADC SR
Voltage on VDD_HV_ADC pin (ADC
reference) with respect to ground (VSS)
—
0.3
6.0
V
Relative to VDD
VDD 0.3
VDD+0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com