Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP144 Datasheet(PDF) 76 Page - STMicroelectronics

Part # LQFP144
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP144 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button LQFP144 Datasheet HTML 72Page - STMicroelectronics LQFP144 Datasheet HTML 73Page - STMicroelectronics LQFP144 Datasheet HTML 74Page - STMicroelectronics LQFP144 Datasheet HTML 75Page - STMicroelectronics LQFP144 Datasheet HTML 76Page - STMicroelectronics LQFP144 Datasheet HTML 77Page - STMicroelectronics LQFP144 Datasheet HTML 78Page - STMicroelectronics LQFP144 Datasheet HTML 79Page - STMicroelectronics LQFP144 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 133 page
background image
Electrical characteristics
SPC560B54x/6x
76/133
DocID15131 Rev 9
4.7
RESET electrical characteristics
The device implements a dedicated bidirectional RESET pin.
6
4
4
PC[0]
6%
9%7%8%7%
10%
8%
8%
PH[9]
7%
—
8%
—
7%
—
9%
—
PE[2]
7%
10%
8%
9%
8%
11%
9%
10%
PE[3]
7%
10%
9%
9%
8%
12%
10%
10%
PC[5]
7%
11%
9%
9%
8%
12%
10%
11%
PC[4]
8%
11%
9%
10%
9%
13%
10%
11%
PE[4]
8%
11%
9%
10%
9%
13%
11%
12%
PE[5]
8%
11%
10%
10%
9%
14%
11%
12%
—
PH[4]
8%
12%
10%
10%
10%
14%
12%
12%
—
PH[5]
8%
—
10%
—
10%
—
12%
—
—
PH[6]
8%
12%
10%
11%
10%
15%
12%
13%
—
PH[7]
9%
12%
10%
11%
11%
15%
13%
13%
—
PH[8]
9%
12%
10%
11%
11%
16%
13%
14%
4
PE[6]
9%
12%
10%
11%
11%
16%
13%
14%
PE[7]
9%
12%
10%
11%
11%
16%
14%
14%
—
—
PI[3]
9%—
10%
—————
—
—
PI[2]
9%—
10%
—————
—
—
PI[1]
9%—
10%
—————
—
—
PI[0]
9%—
10%
—————
44
PC[12]
8%
12%
10%
11%
12%
18%
15%
16%
PC[13]
8%
—
10%
—
13%
—
15%
—
PC[8]
8%
—
10%—13%—15%—
PB[2]
8%
11%
9%
10%
13%
18%
15%
16%
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.
2.
SRC: “Slew Rate Control” bit in SIU_PCRx.
Table 24. I/O weight(1) (continued)
Supply segment
Pad
LQFP176
LQFP144/100
Weight 5 V
Weight 3.3 V
Weight 5 V
Weight 3.3 V
LQFP
176
LQFP
144
LQFP
100
SRC(2) =
0
SRC = 1 SRC = 0 SRC = 1 SRC = 0 SRC = 1 SRC = 0 SRC = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com