Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP144 Datasheet(PDF) 132 Page - STMicroelectronics

Part # LQFP144
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP144 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button LQFP144 Datasheet HTML 125Page - STMicroelectronics LQFP144 Datasheet HTML 126Page - STMicroelectronics LQFP144 Datasheet HTML 127Page - STMicroelectronics LQFP144 Datasheet HTML 128Page - STMicroelectronics LQFP144 Datasheet HTML 129Page - STMicroelectronics LQFP144 Datasheet HTML 130Page - STMicroelectronics LQFP144 Datasheet HTML 131Page - STMicroelectronics LQFP144 Datasheet HTML 132Page - STMicroelectronics LQFP144 Datasheet HTML 133Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 132 / 133 page
background image
Revision history
SPC560B54x/6x
132/133
DocID15131 Rev 9
12-Sep- 2011
(continued)
6
(continued)
Section “Program/erase characteristics”: removed table “FLASH_BIU settings vs.
frequency of operation” and associated introduction
“Program and erase specifications” table: updated symbols
PFCRn settings vs. frequency of operation: replaced “FLASH_BIU” with “PFCRn” in
table title; updated field names and frequencies
“Flash power supply DC electrical characteristics” table: deleted footnote 2
Crystal oscillator and resonator connection scheme: inserted footnote about possibly
requiring a series resistor
Fast external crystal oscillator (4 to 16 MHz) electrical characteristics: updated
parameter classification for VFXOSCOP
Slow external crystal oscillator (32 kHz) electrical characteristics: updated footnote 1
Section “ADC electrical characteristics”: updated symbols for offset error and gain error
Section “Input impedance and ADC accuracy”: changed “VA/VA2” to “VA2/VA” in
Equation 11
ADC input leakage current: updated ILKG characteristics
ADC_0 conversion characteristics table: replaced instances of
“ADCx_conf_sample_input” with “INPSAMP”; replaced instances of
“ADCx_conf_comp” with “INPCMP
ADC_1 characteristic and error definitions: replaced “AVDD” with “VDD_ADC”
ADC_1 conversion characteristics table: replaced instances of
“ADCx_conf_sample_input” with “INPSAMP”; replaced instances of
“ADCx_conf_comp” with “INPCMP”
Updated “On-chip peripherals current consumption” table
Removed order codes tables.
18-Sep-2013
7
Updated Disclaimer.
05-May-2014
8
Table 13: Recommended operating conditions (3.3 V), added minimum value of TVDD
and footnote about it.
Table 14: Recommended operating conditions (5.0 V), added minimum value of TVDD
and footnote about it.
Table 21: Output pin transition times, replaced Ttr with ttr
Table 25: Reset electrical characteristics, replaced Ttr with ttr
Updated Section 4.17.2: Input impedance and ADC accuracy
Table 27: Low voltage detector electrical characteristics, changed VLVDHV3L(min) and
VLVDHV3BL(min) from 2.7 V to 2.6 V.
Table 29: Program and erase specifications, added footnote about tESRT
Table 41: FMPLL electrical characteristics, deleted footnote relative to maximum value
of fCPU
Table 45: ADC_0 conversion characteristics (10-bit ADC_0), changed IADC0run value
from 40 mA to 5 mA.
Table 48: DSPI characteristics, in the heading row, replaced
DSPI0/DSPI1/DSPI5/DSPI6 with DSPI0/DSPI1/DSPI3/DSPI5.
22-Jan-2016
9
In Table 1: Device summary, added SPC560B64L3 for 1.5 MB code flash devices.
In Table 2: SPC560B54/6x family comparison, added column relating to “LQFP100”
package in SPC560B64 devices.
In Table 28: Power consumption on VDD_BV and VDD_HV:
– changed footnote 2 “Running consumption does not include I/Os...” to “IDDMAX is
drawn only from the VDD_BV pin. Running consumption does not include I/Os...”
– changed footnote 4 “RUN current measured with...” to “IDDRUN is drawn only from
the VDD_BV pin. RUN current measured with...”
Table 56. Revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com