| Electronic Components Datasheet Search |
|
LQFP100 Datasheet(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LQFP100 Datasheet(HTML) 22 Page - STMicroelectronics |
|
22 / 103 page ![]() Introduction SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3 22/103 Doc ID 16100 Rev 7 1.5.22 Serial communication interface module (LINFlex) The LINFlex (local interconnect network flexible) on the SPC560P34/SPC560P40 features the following: ● Supports LIN Master mode (both instances), LIN Slave mode (only one instance) and UART mode ● LIN state machine compliant to LIN1.3, 2.0 and 2.1 specifications ● Handles LIN frame transmission and reception without CPU intervention ● LIN features – Autonomous LIN frame handling – Message buffer to store Identifier and up to 8 data bytes – Supports message length of up to 64 bytes – Detection and flagging of LIN errors (sync field, delimiter, ID parity, bit framing, checksum, and time-out) – Classic or extended checksum calculation – Configurable Break duration of up to 36-bit times – Programmable baud rate prescalers (13-bit mantissa, 4-bit fractional) – Diagnostic features: Loop back; Self Test; LIN bus stuck dominant detection – Interrupt-driven operation with 16 interrupt sources ● LIN slave mode features: – Autonomous LIN header handling – Autonomous LIN response handling – Optional discarding of irrelevant LIN responses using ID filter ● UART mode: – Full-duplex operation – Standard non return-to-zero (NRZ) mark/space format – Data buffers with 4-byte receive, 4-byte transmit – Configurable word length (8-bit or 9-bit words) – Error detection and flagging – Parity, Noise and Framing errors – Interrupt-driven operation with four interrupt sources – Separate transmitter and receiver CPU interrupt sources – 16-bit programmable baud-rate modulus counter and 16-bit fractional – 2 receiver wake-up methods |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |