Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP144 Datasheet(PDF) 33 Page - STMicroelectronics

Part # LQFP144
Description  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP144 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LQFP144 Datasheet HTML 29Page - STMicroelectronics LQFP144 Datasheet HTML 30Page - STMicroelectronics LQFP144 Datasheet HTML 31Page - STMicroelectronics LQFP144 Datasheet HTML 32Page - STMicroelectronics LQFP144 Datasheet HTML 33Page - STMicroelectronics LQFP144 Datasheet HTML 34Page - STMicroelectronics LQFP144 Datasheet HTML 35Page - STMicroelectronics LQFP144 Datasheet HTML 36Page - STMicroelectronics LQFP144 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 112 page
background image
SPC560P44Lx, SPC560P50Lx
Package pinouts and signal descriptions
Doc ID 14723 Rev 9
33/112
2.2.2
System pins
Table 5 and Table 6 contain information on pin functions for the SPC560P44Lx,
SPC560P50Lx devices. The pins listed in Table 6 are single-function pins. The pins shown
in Table 7 are multi-function pins, programmable via their respective Pad Configuration
Register (PCR) values.
VDD_LV_COR1
1.2 V Decoupling pins for core logic. Decoupling capacitor
must be connected between these pins and the nearest
VSS_LV_COR pin.
65
93
VSS_LV_COR1
1.2 V Decoupling pins for core logic. Decoupling capacitor
must be connected between these pins and the nearest
VDD_LV_COR pin.
66
94
VDD_LV_COR2
1.2 V Decoupling pins for core logic. Decoupling capacitor
must be connected between these pins and the nearest
VSS_LV_COR pin.
92
131
VSS_LV_COR2
1.2 V Decoupling pins for core logic. Decoupling capacitor
must be connected between these pins and the nearest
VDD_LV_COR pin.
93
132
VDD_LV_COR3
1.2 V Decoupling pins for on-chip PLL modules. Decoupling
capacitor must be connected between this pin and
VSS_LV_COR3.
25
36
VSS_LV_COR3
1.2 V Decoupling pins for on-chip PLL modules. Decoupling
capacitor must be connected between this pin and
VDD_LV_COR3.
24
35
1. Analog supply/ground and high/low reference lines are internally physically separate, but are shorted via a double-bonding
connection on VDD_HV_ADCx/VSS_HV_ADCx pins.
2. Not available on 100-pin package.
Table 5.
Supply pins (continued)
Supply
Pin
Symbol
Description
100-pin
144-pin
Table 6.
System pins
Symbol
Description
Direction
Pad speed(1)
Pin
SRC = 0
SRC = 1
100-pin
144-pin
Dedicated pins. Available on 100-pin and 144-pin package.
MDO[0]
Nexus Message Data Output—line 0
Output only
Fast
—
9
NMI
Non-Maskable Interrupt
Input only
Slow
—
1
1
XTAL
Analog output of the oscillator amplifier
circuit; needs to be grounded if oscillator
is used in bypass mode
——
—
18
29
EXTAL
– Analog input of oscillator amplifier
circuit, when oscillator not in bypass
mode
– Analog input for clock generator when
oscillator in bypass mode
——
—
19
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com