Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK2001A Datasheet(PDF) 18 Page - STMicroelectronics

Part # SRK2001A
Description  Auto-compensation of parasitic inductance
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2001A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SRK2001A Datasheet HTML 12Page - STMicroelectronics SRK2001A Datasheet HTML 13Page - STMicroelectronics SRK2001A Datasheet HTML 14Page - STMicroelectronics SRK2001A Datasheet HTML 15Page - STMicroelectronics SRK2001A Datasheet HTML 16Page - STMicroelectronics SRK2001A Datasheet HTML 17Page - STMicroelectronics SRK2001A Datasheet HTML 18Page - STMicroelectronics SRK2001A Datasheet HTML 19Page - STMicroelectronics SRK2001A Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Package information
SRK2001A
18/20
DocID029495 Rev 1
Table 7. SSOP10 package mechanical data
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
1.75
A1
0.10
0.25
A2
1.25
b
0.31
0.51
c
0.17
0.25
D
4.80
4.90
5
E
5.80
6
6.20
E1
3.80
3.90
4
e
1
h
0.25
0.50
L
0.40
0.90
K
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com