Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK2001ATR Datasheet(PDF) 15 Page - STMicroelectronics

Part # SRK2001ATR
Description  Auto-compensation of parasitic inductance
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2001ATR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SRK2001ATR Datasheet HTML 11Page - STMicroelectronics SRK2001ATR Datasheet HTML 12Page - STMicroelectronics SRK2001ATR Datasheet HTML 13Page - STMicroelectronics SRK2001ATR Datasheet HTML 14Page - STMicroelectronics SRK2001ATR Datasheet HTML 15Page - STMicroelectronics SRK2001ATR Datasheet HTML 16Page - STMicroelectronics SRK2001ATR Datasheet HTML 17Page - STMicroelectronics SRK2001ATR Datasheet HTML 18Page - STMicroelectronics SRK2001ATR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
DocID029495 Rev 1
15/20
SRK2001A
Operation description
20
7.6.1
EN pin remote on-off
During the run mode, the EN pin can be used as remote on-off input, using a small signal
transistor connected to the pin. When the switch is closed, the pin voltage goes below the
VEN_OFF threshold; the controller stops operating and enters a low consumption state. Then
it resumes operation when the switch is opened and the pin voltage surpasses the VEN_ON
threshold (thanks to an internal pull-up of 20 µA, reduced to 6 µA in run mode, IEN_run).
7.6.2
Burst-mode detection
Normally, at reduced loads, resonant converters enter the burst-mode operation in order to
increase converter efficiency. The SRK2001A detects that the primary controller has
stopped switching, and enters the low consumption state: this happens when both DVS1,2
signals are sensed above the arming voltage VTH_A for at least 20 µs.
7.6.3
Low consumption state exit
After the primary controller restarts switching or the EN pin goes back high, the controller
resumes the operation when it detects that the conduction duty-cycle has increased above
the value DON programmed by the user through a proper choice of the RPG resistor. The
number of clock cycles needed to exit the burst-mode is proportional to the difference
between the body diode conduction duty-cycle and the programmed DON threshold: this
allows a faster sleep-out in case of the heavy load transient low-to-high.
After recognized that the conduction duty-cycle is longer than the programmed DON, 12
switching cycles (i.e. 24 clock cycles) are still needed before the SRK2001A restarts driving
the SR MOSFETs (in order to allow the settlement of the internal timers, lost during the low
consumption state, where most of internal circuitry was not supplied or turned off).
For the correct operation of the SRK2001A, the primary controller has to be programmed in
such a way that, when it enters the burst-mode operation, the minimum switching stop has
to be longer than 20 µs (necessary to the SRK2001A to detect that operating condition).
Table 6. Burst-mode exiting lookup table
DON
RPG
80%
RPG = 0 
75%
RPG = 100 k
65%
RPG = 180 k
0%
RPG open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com