Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72321XX Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST72321XX
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321XX Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST72321XX Datasheet HTML 26Page - STMicroelectronics ST72321XX Datasheet HTML 27Page - STMicroelectronics ST72321XX Datasheet HTML 28Page - STMicroelectronics ST72321XX Datasheet HTML 29Page - STMicroelectronics ST72321XX Datasheet HTML 30Page - STMicroelectronics ST72321XX Datasheet HTML 31Page - STMicroelectronics ST72321XX Datasheet HTML 32Page - STMicroelectronics ST72321XX Datasheet HTML 33Page - STMicroelectronics ST72321XX Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 243 page
background image
Flash program memory
ST72321xx-Auto
30/243
Doc ID 13829 Rev 1
Figure 5.
Memory map and sector address
4.3.1
Readout protection
Readout protection, when selected, provides a protection against program memory content
extraction and against write access to Flash memory. Even if no protection can be
considered as totally unbreakable, the feature provides a very high level of protection for a
general purpose microcontroller.
In Flash devices, this protection is removed by reprogramming the option. In this case, the
entire program memory is first automatically erased and the device can be reprogrammed.
Note:
4.4
ICC interface
ICC needs a minimum of 4 and up to 6 pins to be connected to the programming tool (see
Figure 6). These pins are:
RESET:
device reset
VSS:
device power supply ground
ICCCLK:
ICC output serial clock pin
ICCDATA:
ICC input/output serial data pin
ICCSEL/VPP:
programming voltage
OSC1 (or OSCIN): main clock input for external source (optional)
VDD:
application board power supply (optional, see Figure 6, Note 3)
4 Kbytes
4 Kbytes
2Kbytes
SECTOR 1
SECTOR 0
16 Kbytes
SECTOR 2
8K
16K
32K
60K
FLASH
FFFFh
EFFFh
DFFFh
3FFFh
7FFFh
1000h
24 Kbytes
MEMORY SIZE
8Kbytes
40 Kbytes
52 Kbytes
9FFFh
BFFFh
D7FFh
4K
10K
24K
48K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com