Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72325XXX Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST72325XXX
Description  SCI asynchronous serial interface
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72325XXX Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST72325XXX Datasheet HTML 19Page - STMicroelectronics ST72325XXX Datasheet HTML 20Page - STMicroelectronics ST72325XXX Datasheet HTML 21Page - STMicroelectronics ST72325XXX Datasheet HTML 22Page - STMicroelectronics ST72325XXX Datasheet HTML 23Page - STMicroelectronics ST72325XXX Datasheet HTML 24Page - STMicroelectronics ST72325XXX Datasheet HTML 25Page - STMicroelectronics ST72325XXX Datasheet HTML 26Page - STMicroelectronics ST72325XXX Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 243 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST72325xxx-Auto
Package pinout and pin description
Doc ID 13770 Rev 3
23/243
2.2
Pin description
In the device pin description table, the RESET configuration of each pin is shown in bold.
This configuration is valid as long as the device is in reset state.
Refer to Section 9: I/O ports for more details on the software configuration of the I/O ports.
Table 3.
Device pin descriptions (LQFP64 and LQFP44)
Pin
Level
Port
Main
function
(after
reset)
Alternate function
No.
Name
Input
Output
1
-
PE4 (HS)
I/O CT HS
X
XX
X
Port E4
2
-
PE5 (HS)
I/O CT HS
X
XX
X
Port E5
3
-
PE6 (HS)
I/O CT HS
X
XX
X
Port E6
4
-
PE7 (HS)
I/O CT HS
X
XX
X
Port E7
5
2
PB0/PWM3
I/O CT
X
ei2
X
X
Port B0
PWM Output 3
Caution: Negative
current injection not
allowed on this pin
6
3
PB1/PWM2
I/O CT
X
ei2
X
X
Port B1
PWM Output 2
7
4
PB2/PWM1
I/O CT
X
ei2
X
X
Port B2
PWM Output 1
8
5
PB3/PWM0
I/O CT
X
ei2
X
X
Port B3
PWM Output 0
9
6
PB4 (HS)/ARTCLK
I/O CT HS
X
ei3
X
X
Port B4
PWM-ART External
Clock
10
-(1) PB5 / ARTIC1
I/O CT
X
ei3
X
X
Port B5
PWM-ART Input
Capture 1
11
-(1) PB6 / ARTIC2
I/O CT
X
ei3
X
X
Port B6
PWM-ART Input
Capture 2
12
-(1) PB7
I/O CT
X
ei3
X
X
Port B7
13
7
PD0/AIN0
I/O CT
X
X
X
X
X
Port D0
ADC Analog Input 0
14
8
PD1/AIN1
I/O CT
X
X
X
X
X
Port D1
ADC Analog Input 1
15
9
PD2/AIN2
I/O CT
X
X
X
X
X
Port D2
ADC Analog Input 2
16
10 PD3/AIN3
I/O CT
X
X
X
X
X
Port D3
ADC Analog Input 3
17
11 PD4/AIN4
I/O CT
X
X
X
X
X
Port D4
ADC Analog Input 4
18
12 PD5/AIN5
I/O CT
X
X
X
X
X
Port D5
ADC Analog Input 5
19
-(1) PD6/AIN6
I/O CT
X
X
X
X
X
Port D6
ADC Analog Input 6
20
-(1) PD7/AIN7
I/O CT
X
X
X
X
X
Port D7
ADC Analog Input 7
21
13 VAREF
(2)
I
Analog Reference Voltage for ADC
22
14 VSSA
(2)
S
Analog Ground Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com