Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72321R7-Auto Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST72321R7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R7-Auto Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST72321R7-Auto Datasheet HTML 55Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 56Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 57Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 58Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 59Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 60Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 61Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 62Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 243 page
background image
ST72321xx-Auto
Interrupts
Doc ID 13829 Rev 1
59/243
7.6.2
External interrupt control register (EICR)
EICR
Reset value: 0000 0000 (00h)
76
543
21
0
IS1[1:0]
IPB
IS2[1:0]
IPA
TLIS
TLIE
RW
RW
RW
RW
RW
RW
Table 21.
EICR register description
Bit
Name
Function
7:6
IS1[1:0]
ei2 and ei3 sensitivity
The interrupt sensitivity, defined using the IS1[1:0] bits, is applied to the following
external interrupts:
- ei2 (port B3..0) (see Table 22)
- ei3 (port B7..4) (see Table 23)
These 2 bits can be written only when I1 and I0 of the CC register are both set to 1
(level 3).
5IPB
Interrupt polarity for port B
This bit is used to invert the sensitivity of the port B [3:0] external interrupts. It can
be set and cleared by software only when I1 and I0 of the CC register are both set
to 1 (level 3).
0: No sensitivity inversion
1: Sensitivity inversion
4:3
IS2[1:0]
ei0 and ei1 sensitivity
The interrupt sensitivity, defined using the IS2[1:0] bits, is applied to the following
external interrupts:
- ei0 (port A3..0) (see Table 24)
- ei1 (port F2..0) (see Table 25)
These 2 bits can be written only when I1 and I0 of the CC register are both set to 1
(level 3).
2IPA
Interrupt polarity for port A
This bit is used to invert the sensitivity of the port A [3:0] external interrupts. It can
be set and cleared by software only when I1 and I0 of the CC register are both set
to 1 (level 3).
0: No sensitivity inversion
1: Sensitivity inversion
1TLIS
TLI sensitivity
This bit allows to toggle the TLI edge sensitivity. It can be set and cleared by
software only when TLIE bit is cleared.
0: Falling edge
1: Rising edge
0TLIE
TLI enable
This bit allows to enable or disable the TLI capability on the dedicated pin. It is set
and cleared by software.
0: TLI disabled
1: TLI enabled
Note: A parasitic interrupt can be generated when clearing the TLIE bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com