Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K2 Datasheet(PDF) 171 Page - STMicroelectronics

Part # ST72344K2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K2 Datasheet(HTML) 171 Page - STMicroelectronics

Back Button ST72344K2 Datasheet HTML 167Page - STMicroelectronics ST72344K2 Datasheet HTML 168Page - STMicroelectronics ST72344K2 Datasheet HTML 169Page - STMicroelectronics ST72344K2 Datasheet HTML 170Page - STMicroelectronics ST72344K2 Datasheet HTML 171Page - STMicroelectronics ST72344K2 Datasheet HTML 172Page - STMicroelectronics ST72344K2 Datasheet HTML 173Page - STMicroelectronics ST72344K2 Datasheet HTML 174Page - STMicroelectronics ST72344K2 Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 247 page
background image
ST72344xx, ST2345xx
On-chip peripherals
Doc ID 12321 Rev 6
171/247
Word mode is disabled by hardware after the word update is performed. It must be
enabled before each word update by CPU.
Use the following procedure when the ST7 writes a word in RAM:
1.
Disable interrupts
2.
Enable Word mode by setting the B/W and BusyW bits in the I2C3SCR2 register.
BusyW bit is set to 1 when modifying any bits in Control Register 2. Writing a 1 to this
bit does not actually modify BusyW but prevents accidental clearing of the bit.
3.
Write Byte 1 in an even address in RAM. The byte is not actually written in RAM but in
a shadow register. This address must be within the I2C RAM buffer of slave addresses
1, 2 or 3.
4.
Write Byte 2 in the next higher address in RAM. This byte is actually written in RAM.
During the next cycle, the shadow register content is written in the lower address. The
DMA request is disabled during this cycle.
5.
Byte mode resumes automatically after writing byte 2 and DMA is re-enabled.
6.
Enable interrupts
Note:
Word mode does not guarantee byte-pair coherency of words WRITTEN by the I2C master
in RAM and read by the ST7. In this case, byte pair coherency must be handled by software.
Figure 73.
16-bit word write operation flowchart
Sends address
and write bit
Decodes I2C3SNS address
decodes R/W bit
sets write flag
Sends write address
Sends 1 byte of data
STOP condition
Updates current address-
Issues DMA request
Resets I2C3SNS write flag
Halts execution
Resumes execution
Services I2C3SNS interrupt
Reads I2C3SNS status register
register
Y
N
Delays while CPU
completes word write
Sets BUSYW in control -
Word mode?
HOST
ST7 CPU
ST7 I2C3SNS
Repeat
RAM start address depends on slave address
Byte-Pair Coherency ensured by setting Word Mode
Normal execution
max
1 Cycle
Writes one byte to RAM
max
1 Cycle
register + I2C3S disabled
issues interrupt
Enables I2C3SNS
Updates control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com