Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K2 Datasheet(PDF) 172 Page - STMicroelectronics

Part # ST72344K2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K2 Datasheet(HTML) 172 Page - STMicroelectronics

Back Button ST72344K2 Datasheet HTML 168Page - STMicroelectronics ST72344K2 Datasheet HTML 169Page - STMicroelectronics ST72344K2 Datasheet HTML 170Page - STMicroelectronics ST72344K2 Datasheet HTML 171Page - STMicroelectronics ST72344K2 Datasheet HTML 172Page - STMicroelectronics ST72344K2 Datasheet HTML 173Page - STMicroelectronics ST72344K2 Datasheet HTML 174Page - STMicroelectronics ST72344K2 Datasheet HTML 175Page - STMicroelectronics ST72344K2 Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
172/247
Doc ID 12321 Rev 6
Figure 74.
16-bit word read operation flowchart
Application note
Taking full advantage of its higher interrupt priority Slave 3 can be used to allow the
addressing master to send data bytes as commands to the ST7. These commands can be
decoded by the ST7 software to perform various operations such as programming the Data
E2PROM via IAP (In-Application Programming).
Slave 3 writes the command byte and other data in the RAM and generates an interrupt.
The ST7 then decodes the command and processes the data as decoded from the
command byte. The ST7 also writes a status byte in the RAM which the addressing master
can poll.
11.7.5
Address handling
As soon as a start condition is detected, the address is received from the SDA line and sent
to the shift register. Then it is compared with the three addresses of the interface to decode
which slave of the interface is being addressed.
Address not matched: the interface ignores it and waits for another Start condition.
Sends address
and read bit
Decodes I2C3SNS address
Decodes R/W bit
Sets read flag
Sends read address
Receives byte 1
Stop condition
Updates current address-
Issues DMA request
Reads 1 word from RAM
Releases DMA
Resets read flag
Halts execution
Resumes execution
Services I2C3SNS interrupt
Reads I2C3SNS status register
register
Y
N
Y
N
Shadow reg => Shift reg
Receives byte 2
Delays while CPU
completes word write
Updates status + DMA CNTL
Word mode?
STOP?
Byte 1 => Shift reg
Byte 2 => Shadow reg
Host
ST7 CPU
ST7 I2C3SNS
Repeat
RAM start address depends on slave address
Byte-Pair Coherency ensured by setting Word Mode + DMA on Words
Normal execution
max
3 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com