Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S2 Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST72344S2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S2 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST72344S2 Datasheet HTML 135Page - STMicroelectronics ST72344S2 Datasheet HTML 136Page - STMicroelectronics ST72344S2 Datasheet HTML 137Page - STMicroelectronics ST72344S2 Datasheet HTML 138Page - STMicroelectronics ST72344S2 Datasheet HTML 139Page - STMicroelectronics ST72344S2 Datasheet HTML 140Page - STMicroelectronics ST72344S2 Datasheet HTML 141Page - STMicroelectronics ST72344S2 Datasheet HTML 142Page - STMicroelectronics ST72344S2 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 247 page
background image
ST72344xx, ST2345xx
On-chip peripherals
Doc ID 12321 Rev 6
139/247
Setting the RWU bit by software puts the SCI in sleep mode:
●
None of the reception status bits can be set.
●
All the receive interrupts are inhibited.
A muted receiver can be woken up in one of the following two ways:
●
by Idle Line detection if the WAKE bit is reset,
●
by Address Mark detection if the WAKE bit is set.
A receiver wakes-up by Idle Line detection when the Receive line has recognized an Idle
Frame. Then the RWU bit is reset by hardware but the IDLE bit is not set.
A receiver wakes up by Address Mark detection when it received a “1” as the most
significant bit of a word, thus indicating that the message is an address. The reception of
this particular word wakes up the receiver, resets the RWU bit and sets the RDRF bit, which
allows the receiver to receive this word normally and to use it as an address word.
Parity control
Parity control (generation of parity bit in transmission and parity checking in reception) can
be enabled by setting the PCE bit in the SCICR1 register. Depending on the frame length
defined by the M bit, the possible SCI frame formats are as listed in Table 56.
Note:
In case of wakeup by an address mark, the MSB bit of the data is taken into account and not
the parity bit
Even parity: The parity bit is calculated to obtain an even number of “1s” inside the frame
made of the 7 or 8 LSB bits (depending on whether M is equal to 0 or 1) and the parity bit.
Example: data = 00110101; 4 bits set => parity bit is 0 if even parity is selected (PS bit = 0).
Odd parity: The parity bit is calculated to obtain an odd number of “1s” inside the frame
made of the 7 or 8 LSB bits (depending on whether M is equal to 0 or 1) and the parity bit.
Example: data = 00110101; 4 bits set => parity bit is 1 if odd parity is selected (PS bit = 1).
Transmission mode: If the PCE bit is set, then the MSB bit of the data written in the data
register is not transmitted but is changed by the parity bit.
Reception mode: If the PCE bit is set, then the interface checks if the received data byte
has an even number of “1s” if even parity is selected (PS = 0) or an odd number of “1s” if
odd parity is selected (PS = 1). If the parity check fails, the PE flag is set in the SCISR
register and an interrupt is generated if PIE is set in the SCICR1 register.
Table 56.
Frame formats
M bit
PCE bit
SCI frame(1)
1.
SB: Start Bit, STB: Stop Bit, PB: Parity Bit.
0
0
| SB | 8 bit data | STB |
1
| SB | 7-bit data | PB | STB |
1
0
| SB | 9-bit data | STB |
1
| SB | 8-bit data PB | STB |



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com