Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S2 Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST72344S2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S2 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST72344S2 Datasheet HTML 138Page - STMicroelectronics ST72344S2 Datasheet HTML 139Page - STMicroelectronics ST72344S2 Datasheet HTML 140Page - STMicroelectronics ST72344S2 Datasheet HTML 141Page - STMicroelectronics ST72344S2 Datasheet HTML 142Page - STMicroelectronics ST72344S2 Datasheet HTML 143Page - STMicroelectronics ST72344S2 Datasheet HTML 144Page - STMicroelectronics ST72344S2 Datasheet HTML 145Page - STMicroelectronics ST72344S2 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
142/247
Doc ID 12321 Rev 6
11.5.6
Interrupts
The SCI interrupt events are connected to the same interrupt vector.
These events generate an interrupt if the corresponding Enable Control Bit is set and the
interrupt mask in the CC register is reset (RIM instruction).
11.5.7
Register description
Status register (SCISR)
Reset value: 1100 0000 (C0h)
Bit 7 = TDRE Transmit data register empty.
This bit is set by hardware when the content of the TDR register has been transferred
into the shift register. An interrupt is generated if the TIE bit = 1 in the SCICR2 register.
It is cleared by a software sequence (an access to the SCISR register followed by a
write to the SCIDR register).
0: Data is not transferred to the shift register
1: Data is transferred to the shift register
Note:
Data is not transferred to the shift register until the TDRE bit is cleared.
Bit 6 = TC Transmission complete.
This bit is set by hardware when transmission of a frame containing Data is complete.
An interrupt is generated if TCIE = 1 in the SCICR2 register. It is cleared by a software
sequence (an access to the SCISR register followed by a write to the SCIDR register).
0: Transmission is not complete
1: Transmission is complete
Note:
TC is not set after the transmission of a Preamble or a Break.
Bit 5 = RDRF Received data ready flag.
This bit is set by hardware when the content of the RDR register has been transferred
to the SCIDR register. An interrupt is generated if RIE = 1 in the SCICR2 register. It is
Table 58.
Interrupt events
Interrupt event
Event flag
Enable control
bit
Exit from
Wait
Exit from
Halt
Transmit data register empty
TDRE
TIE
Yes
No
Transmission complete
TC
TCIE
Received data ready to be read
RDRF
RIE
Overrun error detected
OR
Idle line detected
IDLE
ILIE
Parity error
PE
PIE
7
0
TDRE
TC
RDRF
IDLE
OR
NF
FE
PE
Read-only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com