Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S2 Datasheet(PDF) 173 Page - STMicroelectronics

Part # ST72344S2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S2 Datasheet(HTML) 173 Page - STMicroelectronics

Back Button ST72344S2 Datasheet HTML 169Page - STMicroelectronics ST72344S2 Datasheet HTML 170Page - STMicroelectronics ST72344S2 Datasheet HTML 171Page - STMicroelectronics ST72344S2 Datasheet HTML 172Page - STMicroelectronics ST72344S2 Datasheet HTML 173Page - STMicroelectronics ST72344S2 Datasheet HTML 174Page - STMicroelectronics ST72344S2 Datasheet HTML 175Page - STMicroelectronics ST72344S2 Datasheet HTML 176Page - STMicroelectronics ST72344S2 Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 247 page
background image
ST72344xx, ST2345xx
On-chip peripherals
Doc ID 12321 Rev 6
173/247
Address matched: the interface generates in sequence the following:
●
An Acknowledge pulse
●
Depending on the LSB of the slave address sent by the master, slaves enter transmitter
or receiver mode.
●
Send an interrupt to the CPU after completion of the read/write operation after
detecting the Stop/ Restart condition on the SDA line.
Note:
The Status Register has to be read to clear the event flag associated with the interrupt.
An interrupt will be generated only if the interrupt enable bit is set in the Control Register.
Slaves 1 and 2 have a common interrupt and the Slave 3 has a separate interrupt.
At the end of write operation, I2C3S is temporarily disabled by hardware by setting BusyW
bit in CR2. The byte count register, status register and current address register should be
saved before resetting BusyW bit.
Slave reception (write operations)
Byte Write: The Slave address is followed by an 8-bit byte address. Upon receipt of this
address, an acknowledge is generated, the address is moved into the current address
register and the 8-bit data is clocked in. Once the data is shifted in, a DMA request is
generated and the data is written in the RAM. The addressing device will terminate the write
sequence with a stop condition. Refer to Figure 76.
Page Write: A page write is initiated in a similar way to a byte write, but the addressing
device does not send a stop condition after the first data byte. The page length is
programmed using bits 7:6 (PL[1:0]) in the Control Register1.
The current address register value is incremented by one every time a byte is written. When
this address reaches the page boundary, the next byte will be written at the beginning of the
same page. Refer to Figure 77.
Slave transmission (Read operations)
Current address read: The current address register maintains the last address accessed
during the last read or write operation incremented by one.
During this operation the I2C slave reads the data pointed by the current address register.
Refer to Figure 78.
Random read: Random read requires a dummy byte write sequence to load in the byte
address. The addressing device then generates restart condition and resends the device
address similar to current address read with the read/write bit high. Refer to Figure 79.
Some types of I2C masters perform a dummy write with a stop condition and then a current
address read.
In either case, the slave generates a DMA request, sends an acknowledge and serially
clocks out the data.
When the memory address limit is reached, the current address will roll over and the
random read will continue till the addressing master sends a stop condition.
Sequential read: Sequential reads are initiated by either a current address read or a
random address read. After the addressing master receives the data byte, it responds with
an acknowledge. As long as the slave receives an acknowledge, it continues to increment
the current address register and clock out sequential data bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com