Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S2 Datasheet(PDF) 177 Page - STMicroelectronics

Part # ST72344S2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S2 Datasheet(HTML) 177 Page - STMicroelectronics

Back Button ST72344S2 Datasheet HTML 173Page - STMicroelectronics ST72344S2 Datasheet HTML 174Page - STMicroelectronics ST72344S2 Datasheet HTML 175Page - STMicroelectronics ST72344S2 Datasheet HTML 176Page - STMicroelectronics ST72344S2 Datasheet HTML 177Page - STMicroelectronics ST72344S2 Datasheet HTML 178Page - STMicroelectronics ST72344S2 Datasheet HTML 179Page - STMicroelectronics ST72344S2 Datasheet HTML 180Page - STMicroelectronics ST72344S2 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 247 page
background image
ST72344xx, ST2345xx
On-chip peripherals
Doc ID 12321 Rev 6
177/247
11.7.7
Interrupt generation
Figure 83.
Event flags and interrupt generation
Note:
Read/Write interrupts are generated only after stop or restart conditions. Figure 83 shows
the conditions for the generation of the two interrupts.
ITRE1/2
RF1
RF2
NACK
ITER
BERR
WF1
WF2
ITWE1/2
INTERRUPT 1
ITWE3
NACK
ITER
BERR
ITRE3
INTERRUPT 2
WF3
RF3
(Slave address 1/2)
(Slave address 3)
Data Status Flag
Data Status Flag
Dummy Write
Write Protect
Restart
Stop
Data Status Flag
Data Status Flag
Data Status Flag
Restart:
Stop: Stop condition on SDA
Dummy Write: True if no data is written in RAM
Data Status Flag: Actual Interrupt is produced when
this condition is true
Write Protect: True for Write operation and if slaves
Restart: Restart condition on SDA
slaves 1 and 2. For slave 3 and for Read operation
write protect will always be 0)
are write protected (since this is applicable for
Restart condition on SDA
Table 69.
Interrupt events
Interrupt event
Flag
Enable
control
bit
Exit
from
wait
Exit
from
halt
Interrupt on write to Slave 1
WF1
ITWE1
Yes
No
Interrupt on write to Slave 2
WF2
ITWE1
Yes
No
Interrupt on write to Slave 3
WF3
ITWE2
Yes
No
Interrupt on Read from Slave 1, Slave 2 or Slave 3.
RF1- RF3
ITREx
Yes
No
Errors
BERR, NACK
ITER
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com