Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S2 Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST72344S2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S2 Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST72344S2 Datasheet HTML 177Page - STMicroelectronics ST72344S2 Datasheet HTML 178Page - STMicroelectronics ST72344S2 Datasheet HTML 179Page - STMicroelectronics ST72344S2 Datasheet HTML 180Page - STMicroelectronics ST72344S2 Datasheet HTML 181Page - STMicroelectronics ST72344S2 Datasheet HTML 182Page - STMicroelectronics ST72344S2 Datasheet HTML 183Page - STMicroelectronics ST72344S2 Datasheet HTML 184Page - STMicroelectronics ST72344S2 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 247 page
background image
ST72344xx, ST2345xx
On-chip peripherals
Doc ID 12321 Rev 6
181/247
Bit 4 = WF2 Write operation to Slave 2
This bit is set by hardware on reception of the direction bit in the I2C address byte for
Slave 2. This bit is cleared when the status register is read and there is no
communication ongoing, or when the peripheral is disabled (PE = 0)
0: No write operation to Slave 2
1: Write operation performed to Slave 2
Bit 3 = WF1 Write operation to Slave 1
This bit is set by hardware on reception of the direction bit in the I2C address byte for
Slave 1. This bit is cleared by software when the status register is read and there is no
communication ongoing, or by hardware when the peripheral is disabled (PE = 0).
0: No write operation to Slave 1
1: Write operation performed to Slave 1
Bit 2 = RF3 Read operation from Slave 3
This bit is set by hardware on reception of the direction bit in the I2C address byte for
Slave 3. It is cleared by software reading the SR register when there is no
communication ongoing. It is also cleared by hardware when the interface is disabled
(PE=0).
0: No read operation from Slave 3
1: Read operation performed from Slave 3
Bit 1= RF2 Read operation from Slave 2
This bit is set by hardware on reception of the direction bit in the I2C address byte for
Slave 2. It is cleared by software reading the SR register when there is no
communication ongoing. It is also cleared by hardware when the interface is disabled
(PE=0).
0: No read operation from Slave 2
1: Read operation performed from Slave 2
Bit 0= RF1 Read operation from Slave 1
This bit is set by hardware on reception of the direction bit in the I2C address byte for
Slave 1. It is cleared by software reading SR register when there is no communication
ongoing. It is also cleared by hardware when the interface is disabled (PE=0).
0: No read operation from Slave 1
1: Read operation performed from Slave 1
I2C byte count register (I2C3SBCR)
Reset value: 0000 0000 (00h)
Bits 7:0 = NB [7:0] Byte Count Register
This register keeps a count of the number of bytes received or transmitted through any
of the three addresses. This byte count is reset after reception by a slave address of a
new transfer and is incremented after each byte is transferred. This register is not
limited by the full page length. It is also cleared by hardware when the interface is
disabled (PE =0).
7
0
NB7
NB6
NB5
NB4
NB3
NB2
NB1
NB0
Read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com