Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361K4-Auto Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST72361K4-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361K4-Auto Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST72361K4-Auto Datasheet HTML 66Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 67Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 68Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 69Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 70Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 71Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 72Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 73Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 279 page
background image
Power saving modes
ST72361xx-Auto
70/279
Doc ID 12468 Rev 3
In AWU mode, the period that the MCU stays in Halt Mode (tAWU in Figure 30) is defined by
This prescaler register can be programmed to modify the time that the MCU stays in Halt
mode before waking up automatically.
Note:
If 00h is written to AWUPR, depending on the product, an interrupt is generated immediately
after a HALT instruction or the AWUPR remains unchanged.
FEh
254
FFh
255
Table 23.
AWUPR prescaler (continued)
AWUPR[7:0]
Dividing factor
t
AWU
64
AWUP
1
t
AWURC
----------------------
t
RCSTRT
+
=
Table 24.
AWU register map and reset values
Address
(Hex.)
Register
Label
7
654
32
10
002Bh
AWUCSR
Reset value
0
000
0
AWUF
0
AWUM
0
AWUEN
0
002Ch
AWUPR
Reset value
AWUPR7
1
AWUPR6
1
AWUPR5
1
AWUPR4
1
AWUPR3
1
AWUPR2
1
AWUPR1
1
AWUPR0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com