Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361J4-Auto Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST72361J4-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361J4-Auto Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST72361J4-Auto Datasheet HTML 22Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 23Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 24Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 25Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 26Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 27Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 28Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 29Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 279 page
background image
Description
ST72361xx-Auto
26/279
Doc ID 12468 Rev 3
44
-
-
PF0
I/O
TT
XX
X
X
Port F0
45 30
-
PF1 / AIN7
I/O
TT
X
X
X
X
X
Port F1
ADC analog input 7
46 31
-
PF2 / AIN8
I/O
TT
X
X
X
X
X
Port F2
ADC analog input 8
47 32 23 PD1 / SCI1_RDI
I/O
CT
X
ei3
X
X
Port D1
LINSCI1 receive data
input
48 33 24 PD2 / SCI1_TDO
I/O
CT
XX
X
X
Port D2
LINSCI1 transmit data
output
49
-
-
PF3 / AIN9
I/O
TT
X
X
X
X
X
Port F3
ADC analog input 9
50
-
-
PF4
I/O
TT
XX
X
X
Port F4
51
-
-
TLI
I
CT
X
X
Top level interrupt input pin
52 34
-
PF5
I/O
TT
XX
X
X
Port F5
53 35 25 PD3 (HS) / SCI2_SCK I/O
CT HS X X
X
X
Port D3
LINSCI2 serial clock
output
54 36 26 PD4 / SCI2_RDI
I/O
CT
X
ei3
X
X
Port D4
LINSCI2 receive data
input
55 37 27 VSSA
S
Analog ground voltage
56 38 28 VSS_0
S
Digital ground voltage
57 39 29 VDDA
I
Analog reference voltage for ADC
58 40 30 VDD_0
S
Digital main supply voltage
59 41 31 PD5 / SCI2_TDO
I/O
CT
XX
X
X
Port D5
LINSCI2 transmit data
output
60 42 32 RESET
I/O
CT
Top priority non maskable
interrupt.
61 43
-
PD6 / AIN10
I/O
CT
X
ei3
X
X
X
Port D6
ADC analog input 10
62 44
-
PD7 / AIN11
I/O
CT
X
ei3
X
X
X
Port D7
ADC analog input 11
63
-
-
PF6
I/O
TT
XX
X
X
Port F6
64
-
-
PF7
I/O
TT
XX
X
X
Port F7
1.
In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up column (wpu) is
merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input, else the configuration is floating
interrupt input.
2.
OSC1 and OSC2 pins connect a crystal/ceramic resonator, or an external source to the on-chip oscillator; see Chapter 1: Description and
Section 20.5: Clock and timing characteristics for more details.
3.
Input mode can be used for general purpose I/O, output mode cannot be used.
On the chip, each I/O port has eight pads. Pads that are not bonded to external pins are in input pull-up configuration after
reset. The configuration of these pads must be kept at reset state to avoid added current consumption.
Table 3.
Device pin description (continued)
Pin n°
Pin name
Level
Port
Main
function
(after
reset)
Alternate function
Input(1)
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com