Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L101x3 Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM8L101x3
Description  Auto-wakeup unit
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101x3 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM8L101x3 Datasheet HTML 80Page - STMicroelectronics STM8L101x3 Datasheet HTML 81Page - STMicroelectronics STM8L101x3 Datasheet HTML 82Page - STMicroelectronics STM8L101x3 Datasheet HTML 83Page - STMicroelectronics STM8L101x3 Datasheet HTML 84Page - STMicroelectronics STM8L101x3 Datasheet HTML 85Page - STMicroelectronics STM8L101x3 Datasheet HTML 86Page - STMicroelectronics STM8L101x3 Datasheet HTML 87Page - STMicroelectronics STM8L101x3 Datasheet HTML 88Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
Revision history
STM8L101x1 STM8L101x2 STM8L101x3
86/88
DocID15275 Rev 16
14-Oct-2010
11
Added STM8L101F1 devices:
Modified Table 1: Device summary on page 1, Table 2:
STM8L101xx device feature summary on page 9 and Table 5:
Flash and RAM boundary addresses on page 24
Modified warning below Figure 3 on page 16 and belowTable 4:
STM8L101xx pin description on page 20
Modified Figure 52: STM8L101xx ordering information scheme on
page 79
Modified text above Figure 32: Recommended NRST pin
configuration on page 54
Modified Figure 32 on page 54
02-Aug-2013
12
Added “The RAM content is preserved” in halt mode Section 3.6:
Low power modes
Reformatted Figure 2: Standard 20-pin UFQFPN package pinout,
Figure 3: 20-pin UFQFPN package pinout for STM8L101F1U6ATR,
STM8L101F2U6ATR and STM8L101F3U6ATR part numbers,
Figure 4: 20-pin TSSOP package pinout, Figure 4: 20-pin TSSOP
package pinout, Figure 5: Standard 28-pin UFQFPN package pinout,
Figure 6: 28-pin UFQFPN package pinout for STM8L101G3U6ATR
and STM8L101G2U6ATR part numbers and Figure 7: 32-pin
package pinout
Corrected NRST/PA1 pin OD output capability in Table 4:
STM8L101xx pin description and corrected note 2. and 4.
Added note “Slope control of all GPIO can be programmed except...”
in Table 4: STM8L101xx pin description
Added note under Table 5: Flash and RAM boundary addresses
Replaced UM0320 with UM0470 in Section 7: Option bytes
Updated OPT2 and OPT3 in Table 10: Option bytes
Added additional note 2. references in Table 22: HSI oscillator
characteristics
Added note 2. under Table 17: Operating conditions at power-up /
power-down and under Figure 32: Recommended NRST pin
configuration
Corrected ‘SCK output’ in Figure 35: SPI timing diagram - master
mode(1)
Added top view in Figure 43: UFQFPN20 3 x 3 mm 0.6 mm package
outline
Repositioned the package layout and footprint for all packages.
Replaced “Standard ports” with “High sink ports”
Replaced “TIMx_TRIG” with “TIMx_ETR”
Replaced all ‘"Data guaranteed, each individual device tested in
production” notes with “Tested in production”
31-Mar-2014
13
Updated L3 value on Table 42, added note 2) and 3) on Table 43
18-Dec-2014
14
Updated:
– Figure 46: UFQFPN20 - 20-lead, 3x3 mm, 0.5 mm pitch, ultra thin
fine pitch quad flat package outline,
– Table 42: UFQFPN20 - 20-lead ultra thin fine pitch quad flat
package (3 x 3 mm) mechanical data.
Table 44. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com