Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 142Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 143Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 144Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 145Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 146Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 147Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 148Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 149Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 279 page
background image
Serial peripheral interface (SPI)
ST72361xx-Auto
146/279
Doc ID 12468 Rev 3
Figure 73.
Hardware/software slave select management
14.3.3
Master mode operation
In master mode, the serial clock is output on the SCK pin. The clock frequency, polarity and
phase are configured by software (refer to the description of the SPICSR register).
Note: The idle state of SCK must correspond to the polarity selected in the SPICSR register
(by pulling up SCK if CPOL = 1 or pulling down SCK if CPOL = 0).
How to operate the SPI in master mode
To operate the SPI in master mode, perform the following steps in order:
1.
Write to the SPICR register:
–
Select the clock frequency by configuring the SPR[2:0] bits.
–
Select the clock polarity and clock phase by configuring the CPOL and CPHA bits.
Figure 74 shows the four possible configurations.
Note: The slave must have the same CPOL and CPHA settings as the master.
2.
Write to the SPICSR register:
–
Either set the SSM bit and set the SSI bit or clear the SSM bit and tie the SS pin
high for the complete byte transmit sequence.
3.
Write to the SPICR register:
–
Set the MSTR and SPE bits
Note: MSTR and SPE bits remain set only if SS is high).
Caution:
If the SPICSR register is not written first, the SPICR register setting (MSTR bit) may be not
taken into account.
The transmit sequence begins when software writes a byte in the SPIDR register.
14.3.4
Master mode transmit sequence
When software writes to the SPIDR register, the data byte is loaded into the 8-bit shift
register and then shifted out serially to the MOSI pin most significant bit first.
When data transfer is complete:
●
The SPIF bit is set by hardware.
●
An interrupt request is generated if the SPIE bit is set and the interrupt mask in the
CCR register is cleared.
Clearing the SPIF bit is performed by the following software sequence:
1.
An access to the SPICSR register while the SPIF bit is set
2.
A read to the SPIDR register
Note:
While the SPIF bit is set, all writes to the SPIDR register are inhibited until the SPICSR
register is read.
1
0
SS internal
SSM bit
SSI bit
SS external pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com