Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 143Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 144Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 145Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 146Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 147Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 148Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 149Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 150Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 279 page
background image
ST72361xx-Auto
Serial peripheral interface (SPI)
Doc ID 12468 Rev 3
147/279
14.3.5
Slave mode operation
In slave mode, the serial clock is received on the SCK pin from the master device.
To operate the SPI in slave mode:
1.
Write to the SPICSR register to perform the following actions:
–
Select the clock polarity and clock phase by configuring the CPOL and CPHA bits
(see Figure 74).
Note: The slave must have the same CPOL and CPHA settings as the master.
–
Manage the SS pin as described in Slave select management and Figure 72. If
CPHA = 1 SS must be held low continuously. If CPHA = 0 SS must be held low
during byte transmission and pulled up between each byte to let the slave write in
the shift register.
2.
Write to the SPICR register to clear the MSTR bit and set the SPE bit to enable the SPI
I/O functions.
14.3.6
Slave mode transmit sequence
When software writes to the SPIDR register, the data byte is loaded into the 8-bit shift
register and then shifted out serially to the MISO pin most significant bit first.
The transmit sequence begins when the slave device receives the clock signal and the most
significant bit of the data on its MOSI pin.
When data transfer is complete:
●
The SPIF bit is set by hardware.
●
An interrupt request is generated if SPIE bit is set and interrupt mask in the CCR
register is cleared.
Clearing the SPIF bit is performed by the following software sequence:
1.
An access to the SPICSR register while the SPIF bit is set
2.
A write or a read to the SPIDR register
Note:
While the SPIF bit is set, all writes to the SPIDR register are inhibited until the SPICSR
register is read.
The SPIF bit can be cleared during a second transmission; however, it must be cleared
before the second SPIF bit in order to prevent an Overrun condition (see Overrun condition
(OVR)).
14.4
Clock phase and clock polarity
Four possible timing relationships may be chosen by software, using the CPOL and CPHA
bits (See Figure 74).
Note:
The idle state of SCK must correspond to the polarity selected in the SPICSR register (by
pulling up SCK if CPOL = 1 or pulling down SCK if CPOL = 0).
The combination of the CPOL clock polarity and CPHA (clock phase) bits selects the data
capture clock edge.
Figure 74 shows an SPI transfer with the four combinations of the CPHA and CPOL bits.
The diagram may be interpreted as a master or slave timing diagram where the SCK pin, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com