Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 167 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 167 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 163Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 164Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 165Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 166Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 167Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 168Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 169Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 170Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 279 page
background image
ST72361xx-Auto
LINSCI serial communication interface (LIN master/slave)
Doc ID 12468 Rev 3
167/279
The SCI interrupt events are connected to the same interrupt vector (see Interrupts
chapter).
These events generate an interrupt if the corresponding Enable Control Bit is set and the
interrupt mask in the CC register is reset (RIM instruction).
15.8
SCI mode register description
15.8.1
Status register (SCISR)
Read only
Reset value: 1100 0000 (C0h)
Bit 7 = TDRE Transmit data register empty.
This bit is set by hardware when the content of the TDR register has been transferred into
the shift register. An interrupt is generated if the TIE = 1 in the SCICR2 register. It is cleared
by a software sequence (an access to the SCISR register followed by a write to the SCIDR
register).
0: data is not transferred to the shift register
1: data is transferred to the shift register
Bit 6 = TC Transmission complete.
This bit is set by hardware when transmission of a character containing Data is complete.
An interrupt is generated if TCIE = 1 in the SCICR2 register. It is cleared by a software
sequence (an access to the SCISR register followed by a write to the SCIDR register).
0: transmission is not complete
1: transmission is complete
Note:
TC is not set after the transmission of a Preamble or a Break.
Bit 5 = RDRF Received data ready flag.
This bit is set by hardware when the content of the RDR register has been transferred to the
SCIDR register. An interrupt is generated if RIE = 1 in the SCICR2 register. It is cleared by a
software sequence (an access to the SCISR register followed by a read to the SCIDR
register).
0: data is not received
1: received data is ready to be read
Bit 4 = IDLE Idle line detected.
This bit is set by hardware when an Idle Line is detected. An interrupt is generated if the
ILIE = 1 in the SCICR2 register. It is cleared by a software sequence (an access to the
SCISR register followed by a read to the SCIDR register).
0: no Idle Line is detected
1: idle Line is detected
Note:
The IDLE bit will not be set again until the RDRF bit has been set itself (that is, a new idle
line occurs).
Bit 3 = OR Overrun error
7
0
TDRE
TC
RDRF
IDLE
OR
NF
FE
PE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com