Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 169 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 169 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 165Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 166Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 167Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 168Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 169Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 170Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 171Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 172Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 279 page
background image
ST72361xx-Auto
LINSCI serial communication interface (LIN master/slave)
Doc ID 12468 Rev 3
169/279
Bit 5 = SCID Disabled for low power consumption
When this bit is set the SCI prescalers and outputs are stopped and the end of the current
byte transfer in order to reduce power consumption.This bit is set and cleared by software.
0: SCI enabled
1: SCI prescaler and outputs disabled
Bit 4 = M Word length.
This bit determines the word length. It is set or cleared by software.
0: 1 start bit, 8 data bits, 1 stop bit
1: 1 start bit, 9 data bits, 1 stop bit
Note:
The M bit must not be modified during a data transfer (both transmission and reception).
Bit 3 = WAKE Wake-Up method.
This bit determines the SCI Wake-Up method, it is set or cleared by software.
0: idle line
1: address mark
Note:
If the LINE bit is set, the WAKE bit is deactivated and replaced by the LHDM bit.
Bit 2 = PCE Parity control enable.
This bit is set and cleared by software. It selects the hardware parity control (generation and
detection for byte parity, detection only for LIN parity).
0: parity control disabled
1: parity control enabled
Bit 1 = PS Parity selection.
This bit selects the odd or even parity when the parity generation/detection is enabled (PCE
bit set). It is set and cleared by software. The parity will be selected after the current byte.
0: even parity
1: odd parity
Bit 0 = PIE Parity interrupt enable.
This bit enables the interrupt capability of the hardware parity control when a parity error is
detected (PE bit set). The parity error involved can be a byte parity error (if bit PCE is set
and bit LPE is reset) or a LIN parity error (if bit PCE is set and bit LPE is set).
0: parity error interrupt disabled
1: parity error interrupt enabled
15.8.3
Control register 2 (SCICR2)
Read/ write
Reset value: 0000 0000 (00h)
Bit 7 = TIE Transmitter interrupt enable.
This bit is set and cleared by software.
0: interrupt is inhibited
1: in SCI interrupt is generated whenever TDRE = 1 in the SCISR register
7
0
TIE
TCIE
RIE
ILIE
TE
RE
RWU(1)
1.
This bit has a different function in LIN mode, please refer to the LIN mode register description.
SBK(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com