Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 172 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 172 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 168Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 169Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 170Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 171Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 172Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 173Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 174Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 175Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 279 page
background image
LINSCI serial communication interface (LIN master/slave)
ST72361xx-Auto
172/279
Doc ID 12468 Rev 3
Bits 2:0 = SCR[2:0] SCI Receiver rate divider.
These 3 bits, in conjunction with the SCP[1:0] bits define the total division applied to the bus
clock to yield the receive rate clock in conventional Baud Rate Generator mode.
15.8.6
Extended receive prescaler division register (SCIERPR)
Read/ write
Reset value: 0000 0000 (00h)
Bits 7:0 = ERPR[7:0] 8-bit Extended Receive Prescaler Register.
The extended baud rate generator is activated when a value other than 00h is stored in this
register. The clock frequency from the 16 divider (see Figure 79) is divided by the binary
factor set in the SCIERPR register (in the range 1 to 255).
The extended baud rate generator is not active after a reset.
16
1
0
0
32
1
64
1
0
128
1
Table 65.
Receiver rate divider
RR dividing factor
SCR2
SCR1
SCR0
1
0
0
0
21
4
1
0
81
16
1
0
0
32
1
64
1
0
128
1
Table 64.
Transmitter rate divider
TR dividing factor
SCT2
SCT1
SCT0
7
0
ERPR7
ERPR6
ERPR5
ERPR4
ERPR3
ERPR2
ERPR1
ERPR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com