Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 188 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 188 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 184Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 185Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 186Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 187Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 188Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 189Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 190Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 191Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 279 page
background image
LINSCI serial communication interface (LIN master/slave)
ST72361xx-Auto
188/279
Doc ID 12468 Rev 3
15.10.5
LIN divider registers
LDIV is coded using the two registers LPR and LPFR. In LIN slave mode, the LPR register is
accessible at the address of the SCIBRR register and the LPFR register is accessible at the
address of the SCIETPR register.
15.10.6
LIN prescaler register (LPR)
Read/ write
Reset value: 0000 0000 (00h)
LPR[7:0] LIN Prescaler (mantissa of LDIV)
These 8 bits define the value of the mantissa of the LIN Divider (LDIV):
Caution:
LPR and LPFR registers have different meanings when reading or writing to them.
Consequently bit manipulation instructions (BRES or BSET) should never be used to modify
the LPR[7:0] bits, or the LPFR[3:0] bits.
15.10.7
LIN prescaler fraction register (LPFR)
Read/ write
Reset value: 0000 0000 (00h)
Bits 7:4 = Reserved.
Bits 3:0 = LPFR[3:0] Fraction of LDIV
These 4 bits define the fraction of the LIN Divider (LDIV):
7
0
LPR7
LPR6
LPR5
LPR4
LPR3
LPR2
LPR1
LPR0
Table 67.
LDIV mantissa
LPR[7:0]
Rounded mantissa (LDIV)
00h
SCI clock disabled
01h
1
...
...
FEh
254
FFh
255
7
0
00
00
LPFR3
LPFR2
LPFR1
LPFR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com