Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 190 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 190 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 186Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 187Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 188Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 189Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 190Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 191Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 192Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 193Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 194Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 279 page
background image
LINSCI serial communication interface (LIN master/slave)
ST72361xx-Auto
190/279
Doc ID 12468 Rev 3
15.10.8
LIN header length register (LHLR)
Read only
Reset value: 0000 0000 (00h)
.
Note:
In LIN slave mode when LASE = 1 or LHDM = 1, the LHLR register is accessible at the
address of the SCIERPR register.
Otherwise this register is always read as 00h.
Bits 7:0 = LHL[7:0] LIN Header Length.
●
This is a read-only register, which is updated by hardware if one of the following
conditions occurs:
–
After each break detection, it is loaded with “FFh”.
–
If a timeout occurs on THEADER, it is loaded with 00h.
–
After every successful LIN Header reception (at the same time than the setting of
LHDF bit), it is loaded with a value (LHL) which gives access to the number of bit
times of the LIN header length (THEADER). The coding of this value is explained
below:
LHL coding
THEADER_MAX = 57
LHL(7:2) represents the mantissa of (57 - THEADER)
LHL(1:0) represents the fraction (57 - THEADER)
7
0
LHL7
LHL6
LHL5
LHL4
LHL3
LHL2
LHL1
LHL0
Table 69.
LHL mantissa coding
LHL[7:2]
Mantissa (57 - THEADER)
Mantissa (THEADER)
0h
0
57
1h
1
56
...
...
...
39h
56
1
3Ah
57
0
3Bh
58
Never Occurs
...
...
...
3Eh
62
Never Occurs
3Fh
63
Initial value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com