Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 208 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 208 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 204Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 205Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 206Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 207Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 208Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 209Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 210Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 211Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 279 page
background image
LINSCI serial communication interface (LIN master only)
ST72361xx-Auto
208/279
Doc ID 12468 Rev 3
16.8.3
Control register 2 (SCICR2)
Read/ write
Reset value: 0000 0000 (00h)
Bit 7 = TIE Transmitter interrupt enable.
This bit is set and cleared by software.
0: interrupt is inhibited
1: an SCI interrupt is generated whenever TDRE = 1 in the SCISR register
Bit 6 = TCIE Transmission complete interrupt enable
This bit is set and cleared by software.
0: interrupt is inhibited
1: an SCI interrupt is generated whenever TC = 1 in the SCISR register
Bit 5 = RIE Receiver interrupt enable.
This bit is set and cleared by software.
0: interrupt is inhibited
1: an SCI interrupt is generated whenever OR = 1 or RDRF = 1 in the SCISR register
Bit 4 = ILIE Idle line interrupt enable.
This bit is set and cleared by software.
0: interrupt is inhibited
1: an SCI interrupt is generated whenever IDLE = 1 in the SCISR register.
Bit 3 = TE Transmitter enable.
This bit enables the transmitter. It is set and cleared by software.
0: transmitter is disabled
1: transmitter is enabled
Note:
During transmission, a “0” pulse on the TE bit (“0” followed by “1”) sends a preamble (idle
line) after the current word.
When TE is set there is a 1 bit-time delay before the transmission starts.
Bit 2 = RE Receiver enable.
This bit enables the receiver. It is set and cleared by software.
0: receiver is disabled
1: receiver is enabled and begins searching for a start bit
Bit 1 = RWU Receiver wake-up.
This bit determines if the SCI is in mute mode or not. It is set and cleared by software and
can be cleared by hardware when a wake-up sequence is recognized.
0: receiver in active mode
1: receiver in mute mode
Note:
Before selecting Mute mode (by setting the RWU bit) the SCI must first receive a data byte,
otherwise it cannot function in Mute mode with wakeup by Idle line detection.
In Address Mark Detection Wake-Up configuration (WAKE bit = 1) the RWU bit cannot be
modified by software while the RDRF bit is set.
7
0
TIE
TCIE
RIE
ILIE
TE
RE
RWU
SBK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com