Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 211 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 211 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 207Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 208Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 209Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 210Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 211Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 212Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 213Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 214Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 279 page
background image
ST72361xx-Auto
LINSCI serial communication interface (LIN master only)
Doc ID 12468 Rev 3
211/279
16.8.6
Baud rate register (SCIBRR)
Read/ write
Reset value: 0000 0000 (00h)
Bits 7:6 = SCP[1:0] First SCI Prescaler
These 2 prescaling bits allow several standard clock division ranges:
Bits 5:3 = SCT[2:0] SCI Transmitter rate divisor
These 3 bits, in conjunction with the SCP1 and SCP0 bits define the total division applied to
the bus clock to yield the transmit rate clock in conventional baud rate generator mode.
Note:
This TR factor is used only when the ETPR fine tuning factor is equal to 00h; otherwise, TR
is replaced by the (TR*ETPR) dividing factor.
Bits 2:0 = SCR[2:0] SCI Receiver rate divisor.
These 3 bits, in conjunction with the SCP1 and SCP0 bits define the total division applied to
the bus clock to yield the receive rate clock in conventional baud rate generator mode.
7
0
SCP1
SCP0
SCT2
SCT1
SCT0
SCR2
SCR1
SCR0
Table 77.
PR prescaler
PR prescaling factor
SCP1
SCP0
1
0
0
31
4
1
0
13
1
Table 78.
Transmitter rate divider
TR dividing factor
SCT2
SCT1
SCT0
1
0
0
0
21
4
1
0
81
16
1
0
0
32
1
64
1
0
128
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com