Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 215 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 215 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 211Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 212Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 213Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 214Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 215Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 216Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 217Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 218Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 219Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 279 page
background image
ST72361xx-Auto
10-bit A/D converter (ADC)
Doc ID 12468 Rev 3
215/279
Figure 94.
ADC block diagram
17.3.2
A/D conversion
The analog input ports must be configured as input, no pull-up, no interrupt. Refer to the
Chapter 8: I/O ports. Using these pins as analog inputs does not affect the ability of the port
to be read as a logic input.
In the ADCCSR register:
●
Select the CS[3:0] bits to assign the analog channel to convert.
ADC conversion mode:
In the ADCCSR register:
●
Set the ADON bit to enable the A/D converter and to start the conversion. From this
time on, the ADC performs a continuous conversion of the selected channel.
When a conversion is complete:
●
The EOC bit is set by hardware.
●
The result is in the ADCDR registers.
A read to the ADCDRH resets the EOC bit.
To read the 10 bits, perform the following steps:
1.
Poll EOC bit
2.
Read the ADCDRL register
3.
Read the ADCDRH register. This clears EOC automatically.
To read only 8 bits, perform the following steps:
1.
Poll EOC bit
2.
Read the ADCDRH register. This clears EOC automatically.
CH2
CH1
EOC SPEED ADON SLOW
CH0
ADCCSR
AIN0
AIN1
ANALOG TO DIGITAL
CONVERTER
AINx
ANALOG
MUX
D4
D3
D5
D9
D8
D7
D6
D2
ADCDRH
4
fADC
fCPU
D1
D0
ADCDRL
00
0
0
0
0
CH3
fCPU, fCPU/2, fCPU/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com