Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 213 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 213 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 209Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 210Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 211Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 212Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 213Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 214Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 215Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 216Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 279 page
background image
ST72361xx-Auto
LINSCI serial communication interface (LIN master only)
Doc ID 12468 Rev 3
213/279
Table 80.
Baud rate selection
Symbol
Parameter
Conditions
Standard
Baud
rate
Unit
fCPU
Accuracy
vs. standard
Prescaler
fTx
fRx
Communication
frequency
8MHz
~0.16%
Conventional Mode
TR (or RR) = 128, PR = 13
TR (or RR) = 32, PR = 13
TR (or RR) = 16, PR =13
TR (or RR) = 8, PR = 13
TR (or RR) = 4, PR = 13
TR (or RR) = 16, PR = 3
TR (or RR) = 2, PR = 13
TR (or RR) = 1, PR =13
300
1200
2400
4800
9600
10400
19200
38400
~300.48
~1201.92
~2403.84
~4807.69
~9615.38
~10416.67
~19230.77
~38461.54
Hz
~0.79%
Extended Mode
ETPR (or ERPR) = 35,
TR (or RR) = 1, PR = 1
14400
~14285.71
Table 81.
LINSCI2 register map and reset values
Address
(Hex.)
Register
name
7
6543210
60
SCI2SR
Reset value
TDRE
1
TC
1
RDRF
0
IDLE
0
OR
0
NF
0
FE
0
PE
0
61
SCI2DR
Reset value
DR7
-
DR6
-
DR5
-
DR4
-
DR3
-
DR2
-
DR1
-
DR0
-
62
SCI2BRR
Reset value
SCP1
0
SCP0
0
SCT2
0
SCT1
0
SCT0
0
SCR2
0
SCR1
0
SCR0
0
63
SCI2CR1
Reset value
R8
-
T8
-
SCID
-
M
-
WAKE
-
PCE
PS
PIE
64
SCI2CR2
Reset value
TIE
0
TCIE
0
RIE
0
ILIE
0
TE
0
RE
0
RWU
0
SBK
0
65
SCI2CR3
Reset value
0
LINE
0
-
0
-
0
CLKEN
0
CPOL
0
CPHA
0
LBCL
0
66
SCI2ERPR
Reset value
ERPR7
0
ERPR6
0
ERPR5
0
ERPR4
0
ERPR3
0
ERPR2
0
ERPR1
0
ERPR0
0
67
SCI2ETPR
Reset value
ETPR7
0
ETPR6
0
ETPR5
0
ETPR4
0
ETPR3
0
ETPR2
0
ETPR1
0
ETPR0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com