Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 259 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 259 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 255Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 256Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 257Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 258Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 259Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 260Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 261Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 262Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 263Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 279 page
background image
ST72361xx-Auto
Package characteristics
Doc ID 12468 Rev 3
259/279
20.3
Thermal characteristics
20.4
Packaging for automatic handling
The devices can be supplied in trays or with tape and reel conditioning.
Tape and reel conditioning can be ordered with pin 1 left-oriented or right-oriented when
facing the tape sprocket holes as shown in Figure 127.
Figure 127. pin 1 orientation in tape and reel conditioning
See also Figure 128: ST72F361xx-Auto Flash commercial product structure on page 264
and Figure 129: ST72P361xxx-Auto FastROM commercial product structure on page 265.
Symbol
Ratings
Value
Unit
RthJA
Package thermal resistance (junction to
ambient)
LQFP64
LQFP44
LQFP32
60
52
70
°C/W
PD
Power dissipation(1)
1.
The maximum power dissipation is obtained from the formula PD = (TJ -TA) / RthJA. The power dissipation
of an application can be defined by the user with the formula: PD =PINT +PPORT where PINT is the chip
internal power (IDD xVDD) and PPORT is the port power dissipation depending on the ports used in the
application.
500
mW
TJmax
Maximum junction temperature(2)
2.
The maximum chip-junction temperature is based on technology characteristics.
150
°C
Right orientation (EIA 481-C compliant)
Left orientation
Pin 1
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com