Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 261 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 261 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 257Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 258Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 259Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 260Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 261Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 262Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 263Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 264Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 265Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 279 page
background image
ST72361xx-Auto
Device configuration and ordering information
Doc ID 12468 Rev 3
261/279
Caution:
The PLL can be enabled only if the “OSC RANGE” (OPT11:10) bits are configured to “MP -
2~4 MHz”. Otherwise, the device functionality is not guaranteed.
OPT2:1 = PKG[1:0] Package selection
These option bits select the device package.
Note:
Pads that are not bonded to external pins are in input pull-up configuration when the
package selection option bits have been properly programmed. The configuration of these
pads must be kept in reset state to avoid added current consumption.
OPT0 = FMP_R Flash memory read-out protection
Read-out protection, when selected provides a protection against program memory content
extraction and against write access to Flash memory. Erasing the option bytes when the
FMP_R option is selected causes the whole user memory to be erased first, and the device
can be reprogrammed. Refer to Section 3.3.1: Read-out protection and the ST7 Flash
Programming Reference Manual for more details.
0: read-out protection enabled
1: read-out protection disabled
Option byte 1
OPT7:6 = AFI_MAP[1:0] AFI Mapping
These option bits allow the mapping of some of the Alternate Functions to be changed.
Static option byte 0
Static option byte 1
70
7
0
WDG
LVD
PKG
AFI_MAP
OSCTYPE
OSCRANGE
10
1
0
1
0
1
0
Default(1)
1.
Option bit values programmed by ST.
1
1
111
1
1
1
1
1
1
0
1
1
1
1
Table 115.
Package selection
Selected package
PKG
10
LQFP 64
1
x
LQFP 44
0
1
LQFP 32
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com