Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 265 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 265 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 261Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 262Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 263Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 264Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 265Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 266Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 267Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 268Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 269Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 279 page
background image
ST72361xx-Auto
Device configuration and ordering information
Doc ID 12468 Rev 3
265/279
21.3
Transfer of customer code
Customer code is made up of the ROM/FASTROM contents and the list of the selected
options (if any). The ROM/FASTROM contents are to be sent on diskette, or by electronic
means, with the S19 hexadecimal file generated by the development tool. All unused bytes
must be set to FFh.
The selected options are communicated to STMicroelectronics using the correctly
completed OPTION LIST appended.
Refer to application note AN1635 for information on the counter listing returned by ST after
code has been transferred.
The STMicroelectronics sales organization is pleased to provide detailed information on
contractual points.
The following Figure 153 serves as a guide for ordering.
Figure 129. ST72P361xxx-Auto FastROM commercial product structure
ST72
P
361
T
A
/xxx
X
S
Product class
ST72 microcontroller
Package type
T = LQFP
Example:
Sub-family type
361 = 361 sub-family
Family type
P = FastROM
Temperature range
A = -40 °C to 85 °C
C = -40 °C to 125 °C
Tape and Reel conditioning options (left blank if Tray)
TR or R = Pin 1 left-oriented
TX or X = Pin 1 right-oriented (EIA 481-C compliant)
ECOPACK/Fab code
Blank or E = Lead-free ECOPACK® Phoenix Fab
S = Lead-free ECOPACK® Catania Fab
Code name
Defined by
STMicroelectronics.
Denotes ROM code, pinout
and program memory size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com