Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 266 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 266 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 262Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 263Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 264Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 265Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 266Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 267Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 268Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 269Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 270Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 279 page
background image
Device configuration and ordering information
ST72361xx-Auto
266/279
Doc ID 12468 Rev 3
Figure 130. ST72361xx-Auto ROM commercial product structure
ST72 361
T
A
/xxx
X
S
Product class
ST72 microcontroller
Package type
T = LQFP
Example:
Sub-family type
361 = 361 sub-family
Temperature range
A = -40 °C to 85 °C
C = -40 °C to 125 °C
Tape and Reel conditioning options (left blank if Tray)
TR or R = Pin 1 left-oriented
TX or X = Pin 1 right-oriented (EIA 481-C compliant)
ECOPACK/Fab code
Blank or E = Lead-free ECOPACK® Phoenix Fab
S = Lead-free ECOPACK® Catania Fab
Code name
Defined by
STMicroelectronics.
Denotes ROM code, pinout
and program memory size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com