Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 269 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 269 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 265Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 266Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 267Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 268Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 269Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 270Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 271Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 272Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 273Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 279 page
background image
ST72361xx-Auto
Important notes
Doc ID 12468 Rev 3
269/279
23
Important notes
23.1
All devices
23.1.1
RESET pin protection with LVD enabled
As mentioned in note 2 below Figure 135, when the LVD is enabled, it is recommended not
to connect a pull-up resistor or capacitor. A 10nF pull-down capacitor is required to filter
noise on the reset line.
23.1.2
Clearing active interrupts outside interrupt routine
When an active interrupt request occurs at the same time as the related flag or interrupt
mask is being cleared, the CC register may be corrupted.
Concurrent interrupt context
The symptom does not occur when the interrupts are handled normally, that is, when:
●
The interrupt request is cleared (flag reset or interrupt mask) within its own interrupt
routine
●
The interrupt request is cleared (flag reset or interrupt mask) within any interrupt
routine
●
The interrupt request is cleared (flag reset or interrupt mask) in any part of the code
while this interrupt is disabled
If these conditions are not met, the symptom can be avoided by implementing the following
sequence:
Perform SIM and RIM operation before and after resetting an active interrupt request
Example 1:
SIM
reset flag or interrupt mask
RIM
Nested interrupt context
The symptom does not occur when the interrupts are handled normally, that is, when:
●
The interrupt request is cleared (flag reset or interrupt mask) within its own interrupt
routine
●
The interrupt request is cleared (flag reset or interrupt mask) within any interrupt
routine with higher or identical priority level
●
The interrupt request is cleared (flag reset or interrupt mask) in any part of the code
while this interrupt is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com