Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8L151C6
Description  Advanced STM8 core
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6 Datasheet(HTML) 1 Page - STMicroelectronics

  STM8L151C6 Datasheet HTML 1Page - STMicroelectronics STM8L151C6 Datasheet HTML 2Page - STMicroelectronics STM8L151C6 Datasheet HTML 3Page - STMicroelectronics STM8L151C6 Datasheet HTML 4Page - STMicroelectronics STM8L151C6 Datasheet HTML 5Page - STMicroelectronics STM8L151C6 Datasheet HTML 6Page - STMicroelectronics STM8L151C6 Datasheet HTML 7Page - STMicroelectronics STM8L151C6 Datasheet HTML 8Page - STMicroelectronics STM8L151C6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 142 page
background image
This is information on a product in full production.
April 2017
DocID15962 Rev 15
1/142
STM8L151x4, STM8L151x6,
STM8L152x4, STM8L152x6
8-bit ultra-low-power MCU, up to 32 KB Flash, 1 KB Data EEPROM,
RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
Datasheet
- production data
Features
• Operating conditions
– Operating power supply range 1.8 V to
3.6 V (down to 1.65 V at power down)
– Temp. range: - 40 °C to 85, 105 or 125 °C
• Low power features
– 5 low power modes: Wait, Low power run
(5.1 µA), Low power wait (3 µA), Active-halt
with full RTC (1.3 µA), Halt (350 nA)
– Consumption: 195 µA/MHz + 440 µA
– Ultra-low leakage per I/0: 50 nA
– Fast wakeup from Halt: 4.7 µs
• Advanced STM8 core
– Harvard architecture and 3-stage pipeline
– Max freq. 16 MHz, 16 CISC MIPS peak
– Up to 40 external interrupt sources
• Reset and supply management
– Low power, ultra-safe BOR reset with 5
selectable thresholds
– Ultra-low-power POR/PDR
– Programmable voltage detector (PVD)
• Clock management
– 1 to 16 MHz crystal oscillator
– 32 kHz crystal oscillator
– Internal 16 MHz factory-trimmed RC
– Internal 38 kHz low consumption RC
– Clock security system
• Low power RTC
– BCD calendar with alarm interrupt
– Auto-wakeup from Halt w/ periodic interrupt
• LCD: up to 4x28 segments w/ step-up
converter
• Memories
– Up to 32 KB of Flash program memory and
1 Kbyte of data EEPROM with ECC, RWW
– Flexible write and read protection modes
– Up to 2 Kbyte of RAM
• DMA
– 4 channels; supported peripherals: ADC,
DAC, SPI, I2C, USART, timers
– 1 channel for memory-to-memory
• 12-bit DAC with output buffer
• 12-bit ADC up to 1 Msps/25 channels
– T. sensor and internal reference voltage
• 2 ultra-low-power comparators
– 1 with fixed threshold and 1 rail to rail
– Wakeup capability
• Timers
– Two 16-bit timers with 2 channels (used as
IC, OC, PWM), quadrature encoder
– One 16-bit advanced control timer with 3
channels, supporting motor control
– One 8-bit timer with 7-bit prescaler
– 2 watchdogs: 1 Window, 1 Independent
– Beeper timer with 1, 2 or 4 kHz frequencies
• Communication interfaces
– Synchronous serial interface (SPI)
– Fast I2C 400 kHz SMBus and PMBus
– USART (ISO 7816 interface and IrDA)
• Up to 41 I/Os, all mappable on interrupt vectors
• Up to 16 capacitive sensing channels
supporting touchkey, proximity, linear touch
and rotary touch sensors
• Development support
– Fast on-chip programming and non
intrusive debugging with SWIM
– Bootloader using USART
• 96-bit unique ID
Table 1. Device summary
Reference
Part number
STM8L151xx
(without LCD)
STM8L151C4, STM8L151C6, STM8L151K4,
STM8L151K6, STM8L151G4, STM8L151G6
STM8L152xx
(with LCD)
STM8L152C4, STM8L152C6, STM8L152K4,
STM8L152K6
LQFP48
7x7 mm
UFQFPN48
LQFP32
7x7 mm
UFQFPN32 (5x5 mm)
7x7 mm
UFQFPN28 (4x4 mm)
WLCSP28
www.st.com


Similar Part No. - STM8L151C6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151C6 STMICROELECTRONICS-STM8L151C6 Datasheet
1Mb / 101P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
10-Sep-2009
STM8L151C6T3 STMICROELECTRONICS-STM8L151C6T3 Datasheet
1Mb / 101P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
10-Sep-2009
STM8L151C6T3 STMICROELECTRONICS-STM8L151C6T3 Datasheet
2Mb / 122P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
23-Jul-2010
STM8L151C6T6 STMICROELECTRONICS-STM8L151C6T6 Datasheet
1Mb / 101P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
10-Sep-2009
STM8L151C6T6 STMICROELECTRONICS-STM8L151C6T6 Datasheet
2Mb / 122P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
23-Jul-2010
More results

Similar Description - STM8L151C6

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8848 ACTIVE-SEMI-ACT8848_14 Datasheet
599Kb / 37P
Advanced PMU for Multi-core Application Processors
Rev 2, 15-Nov-12
logo
STMicroelectronics
PM0044 STMICROELECTRONICS-PM0044 Datasheet
905Kb / 162P
STM8 CPU programming manual
20-Sep-2011
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
logo
Future Technology Devic...
FT51BQ-T FTDI-FT51BQ-T Datasheet
1Mb / 43P
Advanced Microcontroller with 8051 Compatible Core
logo
STMicroelectronics
STM8-EVAL STMICROELECTRONICS-STM8-EVAL Datasheet
138Kb / 3P
STM8/128-EVAL evaluation board
09-Aug-2010
STM8-MCKIT STMICROELECTRONICS-STM8-MCKIT Datasheet
54Kb / 4P
STM8/128-MCKIT motor control starter kit
27-Oct-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com