Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151F2 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM8L151F2
Description  Reset and supply management
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151F2 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM8L151F2 Datasheet HTML 65Page - STMicroelectronics STM8L151F2 Datasheet HTML 66Page - STMicroelectronics STM8L151F2 Datasheet HTML 67Page - STMicroelectronics STM8L151F2 Datasheet HTML 68Page - STMicroelectronics STM8L151F2 Datasheet HTML 69Page - STMicroelectronics STM8L151F2 Datasheet HTML 70Page - STMicroelectronics STM8L151F2 Datasheet HTML 71Page - STMicroelectronics STM8L151F2 Datasheet HTML 72Page - STMicroelectronics STM8L151F2 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 122 page
background image
DocID018780 Rev 9
69/122
STM8L151x2, STM8L151x3
Electrical parameters
102
In the following table, data is based on characterization results, unless otherwise specified.
Table 23. Total current consumption and timing in Active-halt mode at VDD = 1.65 V to 3.6 V
Symbol
Parameter
Conditions (1)(2)
Typ Max
Unit
IDD(AH)
Supply current in
Active-halt mode
LSI RC (at 38 kHz)
TA = -40 °C to 25 °C
0.9
2.1
μA
TA = 55 °C
1.2
3
TA = 85 °C
1.5
3.4
TA = 105 °C
2.6
6.6
TA = 125 °C
5.1
12
LSE external clock (32.768
kHz) (3)
TA = -40 °C to 25 °C
0.5
1.2
TA = 55 °C
0.62
1.4
TA = 85 °C
0.88
2.1
TA = 105 °C
2.1
4.85
TA = 125 °C
4.8
11
IDD(WUFAH)
Supply current during
wakeup time from
Active-halt mode
(using HSI)
--
2.4
-
mA
tWU_HSI(AH)(4)(5)
Wakeup time from
Active-halt mode to
Run mode (using HSI)
--
4.7
7
μs
tWU_LSI(AH)(4)
(5)
Wakeup time from
Active-halt mode to
Run mode (using LSI)
-
-
150
-
μs
1. No floating I/O, unless otherwise specified.
2. TA > 85 °C is valid only for devices with suffix 3 temperature range.
3. Oscillator bypassed (LSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the LSE consumption
(IDD LSE) must be added. Refer to Table 31
4. Wakeup time until start of interrupt vector fetch.
The first word of interrupt routine is fetched 4 CPU cycles after tWU.
5. ULP=0 or ULP=1 and FWU=1 in the PWR_CSR2 register.
Table 24. Typical current consumption in Active-halt mode, RTC clocked by LSE
external crystal
Symbol
Parameter
Condition(1)
Typ
Unit
IDD(AH) (2)
Supply current in Active-halt
mode
VDD = 1.8 V
LSE
1.15
µA
LSE/32(3)
1.05
VDD = 3 V
LSE
1.30
LSE/32(3)
1.20
VDD = 3.6 V
LSE
1.45
LSE/32(3)
1.35
1. No floating I/O, unless otherwise specified.
2. Based on measurements on bench with 32.768 kHz external crystal oscillator.
3. RTC clock is LSE divided by 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com