Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561R4-Auto Datasheet(PDF) 236 Page - STMicroelectronics

Part # ST72561R4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R4-Auto Datasheet(HTML) 236 Page - STMicroelectronics

Back Button ST72561R4-Auto Datasheet HTML 232Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 233Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 234Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 235Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 236Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 237Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 238Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 239Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 324 page
background image
beCAN controller (beCAN)
ST72561-Auto
236/324
Doc ID 12370 Rev 8
Therefore if: tIT higher level + tIT disable + tIT CAN < 2 x tCAN frame
the application will never wait in the workaround
tIT higher level: This the sum of the duration of all the interrupts with a level strictly higher than
the CAN interrupt level
tIT disable: This is the longest time the application disables the CAN interrupt (or all interrupts)
tIT CAN: This is the maximum duration between the beginning of the CAN interrupt and the
actual location of the workaround
tCAN frame: This is minimum CAN frame duration
Figure 111. Critical window timing diagram
Figure 112. Reception of a sequence of frames
Side-effect of workaround 1
Because the while loop lasts 10 CPU cycles, at high baud rate, it is possible to miss a
dominant state on the bus if it lasts just one CAN bit time and the bus speed is high enough
(see Table 84).
If this happens, we will continue waiting in the while loop instead of releasing the FIFO
immediately. The workaround is still valid because we will not release the FIFO during the
Table 84.
While loop timing
fCPU
Software timing: while loop
Minimum baud rate for possible
missed dominant bit
8 MHz
1.25 µs
800 Kbaud
4 MHz
2.5 µs
400 Kbaud
fCPU
10/fCPU
fCPU/10
A release is not
allowed at this time
Critical window: the received
message is placed in the FIFO
CAN Frame
Acknowledge: last
dominant bit in the frame
Time to test RX pin and to
release the FIFO 4.5µs@4 MHz Time between the end of the
acknowledge and the critical windows
- 6 full CAN bit times + time to the sample point
approx. 13µs @ 500 Kbaud
0
12
2
tCAN frame 1tCAN frame 2tCAN frame 3
FMP
BUS
CPU
tIT disable
tIT higher level
tIT CAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com