Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561R4-Auto Datasheet(PDF) 237 Page - STMicroelectronics

Part # ST72561R4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R4-Auto Datasheet(HTML) 237 Page - STMicroelectronics

Back Button ST72561R4-Auto Datasheet HTML 233Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 234Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 235Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 236Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 237Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 238Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 239Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 240Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 241Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 324 page
background image
ST72561-Auto
beCAN controller (beCAN)
Doc ID 12370 Rev 8
237/324
critical period. But the application may lose additional time waiting in the while loop as we
are no longer able to guarantee a maximum of 6 CAN bit times spent in the workaround.
In this particular case the time the application can spend in the workaround may increase up
to a full CAN frame, depending of the frame contents. This case is very rare but happens
when a specific sequence is present on in the CAN frame.
The example in Figure 113 shows reception at maximum CAN baud rate: In this case tCAN is
8/fCPU and the sampling time is 10/fCPU.
If the application is using the maximum baud rate and the possible delay caused by the
workaround is not acceptable, there is another workaround which reduces the Rx pin
sampling time.
Workaround 2 (see Figure 114) first tests that FMP = 2 and the CAN cell is receiving, if not
the FIFO can be released immediately. If yes, the program goes through a sequence of test
instructions on the RX pin that last longer than the time between the acknowledge dominant
bit and the critical time slot. If the Rx pin is in recessive state for more than 8 CAN bit times,
it means we are now after the acknowledge and the critical slot. If a dominant bit is read on
the bus, we can release the FIFO immediately. This workaround has to be written in
assembly language to avoid the compiler optimizing the test sequence.
The implementation shown here is for the CAN bus maximum speed (1 Mbaud @ 8 MHz
CPU clock).
Figure 113. Reception at maximum CAN baud rate
Figure 114. Workaround 2
RD
CAN Bus signal
Sampling of Rx pin
DD
D
D
R
R
R
RR
R
R
RR
R
R
RR
R
R
RR
R
R
Ld
a, CRFR
And
a,#3
Cp
a,#2
; test FMP=2 ?
Jrne
_RELEASE
; if not release
Btjf
CMSR,#5,_RELEASE ; test if reception on going.
; if not release
Btjf
CDGR,#3,_RELEASE ; sample RX pin for 8 CAN bit time
Btjf
CDGR,#3,_RELEASE
Btjf
CDGR,#3,_RELEASE
btjf
CDGR,#3,_RELEASE
btjf
CDGR,#3,_RELEASE
btjf
CDGR,#3,_RELEASE
btjf
CDGR,#3,_RELEASE
btjf
CDGR,#3,_RELEASE
btjf
CDGR,#3,_RELEASE
btjf
CDGR,#3,_RELEASE
btjf
CDGR,#3,_RELEASE
btjf
CDGR,#3,_RELEASE
btjf
CDGR,#3,_RELEASE
btjf
CDGR,#3,_RELEASE
_RELEASE:
bset
CRFR,#5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com