Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561R6-Auto Datasheet(PDF) 123 Page - STMicroelectronics

Part # ST72561R6-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R6-Auto Datasheet(HTML) 123 Page - STMicroelectronics

Back Button ST72561R6-Auto Datasheet HTML 119Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 120Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 121Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 122Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 123Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 124Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 125Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 126Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 324 page
background image
ST72561-Auto
16-bit timer
Doc ID 12370 Rev 8
123/324
12.7.9
Output compare 2 low register (OC2LR)
Read/ write
Reset value: 0000 0000 (00h)
This is an 8-bit register that contains the low part of the value to be compared to the CLR
register.
12.7.10
Counter high register (CHR)
Read only
Reset value: 1111 1111 (FFh)
This is an 8-bit register that contains the high part of the counter value.
12.7.11
Counter low register (CLR)
Read only
Reset value: 1111 1100 (FCh)
This is an 8-bit register that contains the low part of the counter value. A write to this register
resets the counter. An access to this register after accessing the CSR register clears the
TOF bit.
12.7.12
Alternate counter high register (ACHR)
Read Only
Reset value: 1111 1111 (FFh)
This is an 8-bit register that contains the high part of the counter value.
7
0
MSB
LSB
7
0
MSB
LSB
7
0
MSB
LSB
7
0
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com